Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL345TCCZ-EP Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL345TCCZ-EP
Description  Digital Accelerometer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL345TCCZ-EP Datasheet(HTML) 3 Page - Analog Devices

  ADXL345TCCZ-EP Datasheet HTML 1Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 2Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 3Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 4Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 5Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 6Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 7Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 8Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
ADXL345
Rev. D | Page 3 of 40
REVISION HISTORY
2/13—Rev. C to Rev. D
Changes to Figure 13, Figure 14, and Figure 15............................9
Change to Table 15..........................................................................22
5/11—Rev. B to Rev. C
Added Preventing Bus Traffic Errors Section ............................15
Changes to Figure 37, Figure 38, Figure 39 .................................16
Changes to Table 12 ........................................................................19
Changes to Using Self-Test Section...............................................31
Changes to Axes of Acceleration Sensitivity Section..................35
11/10—Rev. A to Rev. B
Change to 0 g Offset vs. Temperature for Z-Axis Parameter,
Table 1.................................................................................................4
Changes to Figure 10 to Figure 15 ..................................................9
Changes to Ordering Guide...........................................................37
4/10—Rev. 0 to Rev. A
Changes to Features Section and General
Description Section...........................................................................1
Changes to Specifications Section...................................................3
Changes to Table 2 and Table 3 .......................................................5
Added Package Information Section, Figure 2, and Table 4;
Renumbered Sequentially ................................................................5
Changes to Pin 12 Description, Table 5 .........................................6
Added Typical Performance Characteristics Section ...................7
Changes to Theory of Operation Section and Power Sequencing
Section ..............................................................................................12
Changes to Powers Savings Section, Table 7, Table 8, Auto Sleep
Mode Section, and Standby Mode Section ..................................13
Changes to SPI Section...................................................................14
Changes to Figure 36 to Figure 38 ................................................15
Changes to Table 9 and Table 10 ...................................................16
Changes to I2C Section and Table 11............................................17
Changes to Table 12 ........................................................................18
Changes to Interrupts Section, Activity Section, Inactivity
Section, and FREE_FALL Section.................................................19
Added Table 13................................................................................19
Changes to FIFO Section ...............................................................20
Changes to Self-Test Section and Table 15 to Table 18 ..............21
Added Figures 42 and Table 14 .....................................................21
Changes to Table 19 ........................................................................22
Changes to Register 0x1D—THRESH_TAP (Read/Write)
Section, Register 0x1E, Register 0x1F, Register 0x20—OFSX,
OFSY, OSXZ (Read/Write) Section, Register 0x21—DUR
(Read/Write) Section, Register 0x22—Latent (Read/Write)
Section, and Register 0x23—Window (Read/Write) Section ...23
Changes to ACT_X Enable Bits and INACT_X Enable Bit
Section, Register 0x28—THRESH_FF (Read/Write) Section,
Register 0x29—TIME_FF (Read/Write) Section, Asleep Bit
Section, and AUTO_SLEEP Bit Section.......................................24
Changes to Sleep Bit Section .........................................................25
Changes to Power Supply Decoupling Section, Mechanical
Considerations for Mounting Section, and Tap Detection
Section ..............................................................................................27
Changes to Threshold Section.......................................................28
Changes to Sleep Mode vs. Low Power Mode Section...............29
Added Offset Calibration Section.................................................29
Changes to Using Self-Test Section ..............................................30
Added Data Formatting of Upper Data Rates Section, Figure 48,
and Figure 49 ...................................................................................31
Added Noise Performance Section, Figure 50 to Figure 52, and
Operation at Voltages Other Than 2.5 V Section .......................32
Added Offset Performance at Lowest Data Rates Section and
Figure 53 to Figure 55.....................................................................33
6/09—Revision 0: Initial Version


Similar Part No. - ADXL345TCCZ-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
357Kb / 12P
   ADXL345-EP
ADXL345TCCZ-EP-RL AD-ADXL345TCCZ-EP-RL Datasheet
357Kb / 12P
   ADXL345-EP
ADXL345TCCZ-EP-RL7 AD-ADXL345TCCZ-EP-RL7 Datasheet
357Kb / 12P
   ADXL345-EP
More results

Similar Description - ADXL345TCCZ-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com