Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7123KSTZ140 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7123KSTZ140
Description  CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7123KSTZ140 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7123KSTZ140 Datasheet HTML 3Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 4Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 5Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 6Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 7Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 8Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 9Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 10Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADV7123
Rev. D | Page 7 of 24
Parameter
Min
Typ
Max
Unit
Total Harmonic Distortion
fCLK = 50 MHz; fOUT = 1.00 MHz
TA = 25°C
66
dBc
TMIN to TMAX
65
dBc
fCLK = 50 MHz; fOUT = 2.00 MHz
64
dBc
fCLK = 100 MHz; fOUT = 2.00 MHz
64
dBc
fCLK = 140 MHz; fOUT = 2.00 MHz
55
dBc
DAC PERFORMANCE
Glitch Impulse
10
pV-sec
DAC-to-DAC Crosstalk3
23
dB
Data Feedthrough4, 5
22
dB
Clock Feedthrough4, 5
33
dB
1 These maximum/minimum specifications are guaranteed by characterization over the 3.0 V to 3.6 V range.
2 Note that the ADV7123 exhibits high performance when operating with an internal voltage reference, VREF.
3 DAC-to-DAC crosstalk is measured by holding one DAC high while the other two are making low-to-high and high-to-low transitions.
4 Clock and data feedthrough is a function of the amount of overshoot and undershoot on the digital inputs. Glitch impulse includes clock and data feedthrough.
5 TTL input values are 0 V to 3 V, with input rise/fall times of −3 ns, measured at the 10% and 90% points. Timing reference points are 50% for inputs and outputs.
5 V TIMING SPECIFICATIONS
VAA = 5 V ± 5%,1 VREF = 1.235 V, RSET = 560 Ω, CL = 10 pF. All specifications TMIN to TMAX,2 unless otherwise noted, TJ MAX = 110°C.
Table 5.
Parameter3
Symbol
Min
Typ
Max
Unit
Conditions
ANALOG OUTPUTS
Analog Output Delay
t6
5.5
ns
Analog Output Rise/Fall Time4
t7
1.0
ns
Analog Output Transition Time5
t8
15
ns
Analog Output Skew6
t9
1
2
ns
CLOCK CONTROL
CLOCK Frequency7
fCLK
0.5
50
MHz
50 MHz grade
0.5
140
MHz
140 MHz grade
0.5
240
MHz
240 MHz grade
Data and Control Setup
t1
0.5
ns
Data and Control Hold
t2
1.5
ns
CLOCK Period
t3
4.17
ns
CLOCK Pulse Width High
t4
1.875
ns
fCLK_MAX = 240 MHz
CLOCK Pulse Width Low
t5
1.875
ns
fCLK_MAX = 240 MHz
CLOCK Pulse Width High
t4
2.85
ns
fCLK_MAX = 140 MHz
CLOCK Pulse Width Low
t5
2.85
ns
fCLK_MAX = 140 MHz
CLOCK Pulse Width High
t4
8.0
ns
fCLK_MAX = 50 MHz
CLOCK Pulse Width Low
t5
8.0
ns
fCLK_MAX = 50 MHz
Pipeline Delay6
tPD
1.0
1.0
1.0
Clock cycles
PSAVE Up Time6
t10
2
10
ns
1 These maximum and minimum specifications are guaranteed over this range.
2 Temperature range: TMIN to TMAX: −40°C to +85°C at 50 MHz and 140 MHz, 0°C to 70°C at 240 MHz.
3 Timing specifications are measured with input levels of 3.0 V (VIH) and 0 V (VIL) 0 for both 5 V and 3.3 V supplies.
4 Rise time was measured from the 10% to 90% point of zero to full-scale transition, fall time from the 90% to 10% point of a full-scale transition.
5 Measured from 50% point of full-scale transition to 2% of final value.
6 Guaranteed by characterization.
7 fCLK maximum specification production tested at 125 MHz; 5 V limits specified here are guaranteed by characterization.


Similar Part No. - ADV7123KSTZ140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
More results

Similar Description - ADV7123KSTZ140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com