Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ374L6X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SZ374L6X
Description  TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ374L6X Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NC7SZ374L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ374L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ374L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ374L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ374L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ374L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ374L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ374L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ374L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
Tape and Reel Specification
TAPE FORMAT for SC70
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-6
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)


Similar Part No. - NC7SZ374L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ374L6X FAIRCHILD-NC7SZ374L6X Datasheet
152Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
logo
ON Semiconductor
NC7SZ374L6X ONSEMI-NC7SZ374L6X Datasheet
258Kb / 11P
   TinyLogic UHS D-Type Flip-Flop
Revised October 2004
More results

Similar Description - NC7SZ374L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ374 FAIRCHILD-NC7SZ374_04 Datasheet
152Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with 3-STATE Output
logo
ON Semiconductor
NC7SZ374 ONSEMI-NC7SZ374 Datasheet
258Kb / 11P
   TinyLogic UHS D-Type Flip-Flop
Revised October 2004
NC7SZ175 ONSEMI-NC7SZ175 Datasheet
1Mb / 10P
   TinyLogic UHS D-Type Flip-Flop
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ175 FAIRCHILD-NC7SZ175 Datasheet
105Kb / 9P
   TinyLogic UHS D-Type Flip-Flop
NC7SZ373 FAIRCHILD-NC7SZ373_04 Datasheet
152Kb / 9P
   TinyLogic UHS D-Type Latch with 3-STATE Output
NC7SZ175 FAIRCHILD-NC7SZ175_04 Datasheet
154Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
NC7SZ373 FAIRCHILD-NC7SZ373 Datasheet
103Kb / 9P
   TinyLogic UHS D-Type Latch with 3-STATE Output
logo
ON Semiconductor
NC7SZ74 ONSEMI-NC7SZ74 Datasheet
1Mb / 11P
   TinyLogic UHS D-Type, Flip-Flop with Preset and Clear
September 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com