Electronic Components Datasheet Search |
|
ADuM3301ARWZ Datasheet(PDF) 4 Page - Analog Devices |
|
ADuM3301ARWZ Datasheet(HTML) 4 Page - Analog Devices |
4 / 20 page ADuM3300/ADuM3301 Data Sheet Rev. B | Page 4 of 20 Parameter Symbol Min Typ Max Unit Test Conditions ADuM330xBRWZ Minimum Pulse Width2 PW 100 ns CL = 15 pF, CMOS signal levels Maximum Data Rate3 10 Mbps CL = 15 pF, CMOS signal levels Propagation Delay4 tPHL, tPLH 20 32 50 ns CL = 15 pF, CMOS signal levels Pulse Width Distortion, |tPLH − tPHL|4 PWD 3 ns CL = 15 pF, CMOS signal levels Change vs. Temperature 5 ps/°C CL = 15 pF, CMOS signal levels Propagation Delay Skew5 tPSK 15 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Codirectional Channels6 tPSKCD 3 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Opposing-Directional Channels6 tPSKOD 6 ns CL = 15 pF, CMOS signal levels ADuM330xCRWZ Minimum Pulse Width2 PW 8.3 11.1 ns CL = 15 pF, CMOS signal levels Maximum Data Rate3 90 120 Mbps CL = 15 pF, CMOS signal levels Propagation Delay4 tPHL, tPLH 18 27 32 ns CL = 15 pF, CMOS signal levels Pulse Width Distortion, |tPLH − tPHL|4 PWD 0.5 2 ns CL = 15 pF, CMOS signal levels Change vs. Temperature 3 ps/°C CL = 15 pF, CMOS signal levels Propagation Delay Skew5 tPSK 10 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Codirectional Channels6 tPSKCD 2 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Opposing-Directional Channels6 tPSKOD 5 ns CL = 15 pF, CMOS signal levels For All Models Output Disable Propagation Delay (High/Low-to-High Impedance) tPHZ, tPLH 6 8 ns CL = 15 pF, CMOS signal levels Output Enable Propagation Delay (High Impedance-to-High/Low) tPZH, tPZL 6 8 ns CL = 15 pF, CMOS signal levels Output Rise/Fall Time (10% to 90%) tR/tF 2.5 ns CL = 15 pF, CMOS signal levels Common-Mode Transient Immunity at Logic High Output7 |CMH| 25 35 kV/μs VIx = VDD1 or VDD2, VCM = 1000 V, transient magnitude = 800 V Common-Mode Transient Immunity at Logic Low Output7 |CML| 25 35 kV/μs VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V Refresh Rate fr 1.2 Mbps Input Dynamic Supply Current per Channel8 IDDI (D) 0.20 mA/Mbps Output Dynamic Supply Current per Channel8 IDDO (D) 0.05 mA/Mbps 1 The supply current values for all four channels are combined when running at identical data rates. Output supply current values are specified with no output load present. The supply current associated with an individual channel operating at a given data rate can be calculated as described in the P section. See Figure through Figure 8 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure through for total VDD1 and VDD2 supply currents as a function of data rate for ADuM3300/ADuM3301 channel configurations. ower Consumption Power Consumption 6 Figure 6 9 Figure 12 2 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed. 3 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed. 4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 5 tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. 7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range over which the common mode is slewed. 8 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See through for information on per-channel supply current for unloaded and loaded conditions. See the section for guidance on calculating the per-channel supply current for a given data rate. Figure 8 |
Similar Part No. - ADuM3301ARWZ |
|
Similar Description - ADuM3301ARWZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |