Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM1251WARZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM1251WARZ
Description  Hot Swappable, Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1251WARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM1251WARZ Datasheet HTML 4Page - Analog Devices ADuM1251WARZ Datasheet HTML 5Page - Analog Devices ADuM1251WARZ Datasheet HTML 6Page - Analog Devices ADuM1251WARZ Datasheet HTML 7Page - Analog Devices ADuM1251WARZ Datasheet HTML 8Page - Analog Devices ADuM1251WARZ Datasheet HTML 9Page - Analog Devices ADuM1251WARZ Datasheet HTML 10Page - Analog Devices ADuM1251WARZ Datasheet HTML 11Page - Analog Devices ADuM1251WARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADuM1250/ADuM1251
Rev. F | Page 11 of 12
MAGNETIC FIELD IMMUNITY
The ADuM1250/ADuM1251 are extremely immune to external
magnetic fields. The limitation on the magnetic field immunity
of the ADuM1250/ADuM1251 is set by the condition in which
induced voltage in the receiving coil of the transformer is suffi-
ciently large to either falsely set or reset the decoder. The following
analysis defines the conditions under which this may occur. The
3 V operating condition of the ADuM1250/ADuM1251 is exam-
ined because it represents the most susceptible mode of operation.
The pulses at the transformer output have an amplitude greater
than 1.0 V. The decoder has a sensing threshold at approximately
0.5 V, thus establishing a 0.5 V margin in which induced voltages
can be tolerated. The voltage induced across the receiving coil is
given by
V = (−dβ/dt)
∑ πrn2; n = 1, 2, … , N
where:
β is the magnetic flux density (gauss).
rn is the radius of the nth turn in the receiving coil (cm).
N is the total number of turns in the receiving coil.
Given the geometry of the receiving coil in the ADuM1250/
ADuM1251 and an imposed requirement that the induced
voltage be, at most, 50% of the 0.5 V margin at the decoder,
a maximum allowable magnetic field is calculated as shown
in Figure 10.
MAGNETIC FIELD FREQUENCY (Hz)
100
0.001
1M
10
0.01
1k
10k
10M
0.1
1
100M
100k
Figure 10. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the
maximum allowable magnetic field of 0.2 kgauss induces a
voltage of 0.25 V at the receiving coil. This voltage is approxi-
mately 50% of the sensing threshold and does not cause a faulty
output transition. Similarly, if such an event occurs during a
transmitted pulse (and is of the worst-case polarity), it reduces
the received pulse from >1.0 V to 0.75 V—still well above the
0.5 V sensing threshold of the decoder.
The preceding magnetic flux density values correspond to
specific current magnitudes at given distances away from the
ADuM1250/ADuM1251 transformers. Figure 11 expresses
these allowable current magnitudes as a function of frequency
for selected distances. As shown in Figure 11, the ADuM1250/
ADuM1251 are extremely immune and can be affected only by
extremely large currents operated at high frequency very close
to the component. For the 1 MHz example, a 0.5 kA current
placed 5 mm away from the ADuM1250/ADuM1251 is required
to affect the operation of the component.
MAGNETIC FIELD FREQUENCY (Hz)
1000
100
10
1
0.1
0.01
1k
10k
100M
100k
1M
10M
DISTANCE = 5mm
DISTANCE = 1m
DISTANCE = 100mm
Figure 11. Maximum Allowable Current for Various
Current-to-ADuM1250/ADuM1251 Spacings
Note that at combinations of strong magnetic field and high
frequency, any loops formed by PCB traces can induce error
voltages sufficiently large to trigger the thresholds of succeeding
circuitry. Exercise care in the layout of such traces to avoid this
possibility.


Similar Part No. - ADuM1251WARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1251WARZ AD-ADUM1251WARZ Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM1251WARZ-RL7 AD-ADUM1251WARZ-RL7 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
More results

Similar Description - ADuM1251WARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com