Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS1a-18V-F Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # JS1a-18V-F
Description  1a/1c 10A cubic type power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JS1a-18V-F Datasheet(HTML) 5 Page - Panasonic Semiconductor

  JS1a-18V-F Datasheet HTML 1Page - Panasonic Semiconductor JS1a-18V-F Datasheet HTML 2Page - Panasonic Semiconductor JS1a-18V-F Datasheet HTML 3Page - Panasonic Semiconductor JS1a-18V-F Datasheet HTML 4Page - Panasonic Semiconductor JS1a-18V-F Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Panasonic:
JS1-5V JS1A-5V JS1-6V JS1-9V JS1-12V JS1A-12V JS1-24V JS1A-24V JS1-48V-F JS1AF-12V JS1AF-18V
JS1AF-18V-F JS1AF-24V JS1AF-24V-F JS1AF-48V JS1AF-48V-F JS1AF-5V JS1AF-5V-F JS1AF-6V JS1AF-6V-F
JS1AF-9V JS1AF-9V-F JS1F-12V JS1F-12V-F JS1F-18V JS1F-18V-F JS1F-24V JS1F-24V-F JS1F-48V JS1F-
48V-F JS1F-5V JS1F-5V-F JS1F-6V JS1F-6V-F JS1F-9V JS1F-9V-F JS1F-B-48V-F JS1AF-12V-F JS1F-B-9V-F
JS1-24V-FT JS1A-B-12V-FT JS1-B-12V-FT JS1-F-18V-F-6K JS1F-B-24V-F-6K JS1-5V-F JS1-6V-F JS1-B-12V
JS1-12V-F JS1-24V-F JS1-B-48V JS1-9V-F JS1A-12V-F JS1A-24V-F JS1A-48V JS1-B-24V JS1A-5V-F JS1A-
48V-F JS1-48V JS1-B-12V-F JS1-B-24V-F JS1-12V-TV JS1-12V-Y1 JS1-15V JS1-18V JS1-18V-F JS1-24V-TV
JS1-24V-Y2 JS1-24V-Y3 JS1-3V JS1-4V JS1-6V-TV JS1A-12V-TV JS1A-18V JS1A-18V-F JS1A-24V-TV JS1A-
24V-Y2 JS1A-48V-Y2 JS1A-6V JS1A-6V-F JS1A-9V JS1A-9V-F JS1A-B-12V JS1A-B-12V-F JS1A-B-12V-TV
JS1A-B-12V-Y2 JS1A-B-18V JS1A-B-18V-F JS1A-B-24V JS1A-B-24V-F JS1A-B-48V JS1A-B-48V-F JS1A-B-5V
JS1A-B-5V-F JS1A-B-6V JS1A-B-6V-F JS1A-B-9V JS1A-B-9V-F JS1AF-12V-TV JS1AF-B-12V JS1AF-B-12V-F


Similar Part No. - JS1a-18V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JS1A-18V-F PANASONIC-JS1A-18V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1a-18V-F PANASONIC-JS1a-18V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results

Similar Description - JS1a-18V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JS1A-5V-F PANASONIC-JS1A-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com