Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERA-3YEB361V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERA-3YEB361V
Description  PRODUCT SPECIFICATION FOR APPROVAL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA-3YEB361V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERA-3YEB361V Datasheet HTML 1Page - Panasonic Semiconductor ERA-3YEB361V Datasheet HTML 2Page - Panasonic Semiconductor ERA-3YEB361V Datasheet HTML 3Page - Panasonic Semiconductor ERA-3YEB361V Datasheet HTML 4Page - Panasonic Semiconductor ERA-3YEB361V Datasheet HTML 5Page - Panasonic Semiconductor ERA-3YEB361V Datasheet HTML 6Page - Panasonic Semiconductor ERA-3YEB361V Datasheet HTML 7Page - Panasonic Semiconductor ERA-3YEB361V Datasheet HTML 8Page - Panasonic Semiconductor ERA-3YEB361V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Spec. No.
Subject
Metal Film(Thin Film) Chip Resistors PRODUCTSPECIFICATIONFORINFORMATION
151-SRA-E102R
Part No.
E R A 3
10-1
Panasonic Electronic Devices Co., Ltd.
1. Dimension
L
W
a
b
t
mm
inch
1.60±0.15
0.63±.006
0.80±0.20
.031±.008
0.30±0.20
.012±.008
0.30±0.20
.012±.008
0.45±0.10
.018±.004
2. Power deratimg Curve
120
100
60
40
20
0
-55 -40
0 40
80
120 140 160
70
125
3. Ratings
Item
Rated value
Explanation
Rated power
0.10 W
(at 70 °C or lower)
When used at ambient temperture over
70°C, the load power should be reduced
as shown in Flg.1
Flg.1 Ambient Temperature (°C)
Category temperature range
-55~+125°C
L
a
a
W
t
b
b
(1)
(2)
(3)
(4)
(5)
(6)
(1)
Substrate
Alumina
(2)
Protective
coating
Epoxy resin
(3)
Resistive
element
NiCr alloy
(4)
Inner
termination
special termination
(5)
Between
termination
Ni plating
(6)
Outer
termination
Sn plating


Similar Part No. - ERA-3YEB361V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-3YEB PANASONIC-ERA-3YEB Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
ERA-3YEB103V PANASONIC-ERA-3YEB103V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-3YEB122V PANASONIC-ERA-3YEB122V Datasheet
186Kb / 3P
   Metal Film Chip Resistors 0603, 0805
ERA-3YEB203V PANASONIC-ERA-3YEB203V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-3YEB562V PANASONIC-ERA-3YEB562V Datasheet
244Kb / 10P
   PRODUCT SPECIFICATION FOR APPROVAL
More results

Similar Description - ERA-3YEB361V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFJ-C1605E5B PANASONIC-EFJ-C1605E5B Datasheet
207Kb / 6P
   PRODUCT SPECIFICATION FOR APPROVAL
logo
Shanghai Leiditech Elec...
LP-DM2505 LEIDITECH-LP-DM2505 Datasheet
469Kb / 3P
   Product Specification For Approval
logo
Panasonic Semiconductor
ERA-3YEB562V PANASONIC-ERA-3YEB562V Datasheet
244Kb / 10P
   PRODUCT SPECIFICATION FOR APPROVAL
EXB-V8V-750JV PANASONIC-EXB-V8V-750JV Datasheet
215Kb / 11P
   PRODUCT SPECIFICATION FOR APPROVAL
ECJ-0EX1C104K PANASONIC-ECJ-0EX1C104K Datasheet
785Kb / 25P
   PRODUCT SPECIFICATION FOR APPROVAL
ECJ-ZEBFJ104K PANASONIC-ECJ-ZEBFJ104K Datasheet
787Kb / 25P
   PRODUCT SPECIFICATION FOR APPROVAL
ERJ-XGNJ224Y PANASONIC-ERJ-XGNJ224Y Datasheet
324Kb / 12P
   PRODUCT SPECIFICATION FOR APPROVAL
EXC-14CE900U PANASONIC-EXC-14CE900U Datasheet
343Kb / 12P
   PRODUCT SPECIFICATION FOR APPROVAL
logo
TAI-SAW TECHNOLOGY CO.,...
TB0460A TAI-SAW-TB0460A Datasheet
417Kb / 7P
   Approval Sheet For Product Specification
logo
AZ Displays
C0240QGLA-T AZDISPLAYS-C0240QGLA-T Datasheet
1Mb / 23P
   Approval Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com