Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ27 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZ27
Description  TinyLogic UHS 3-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ27 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZ27 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD)(VCC)(fIN) + (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz; t
w = 500 ns
FIGURE 1. AC Test Circuit
Input
= AC Waveform; t
r = tf = 1.8 ns;
PRR
= 10 MHz; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH,
Propagation Delay
1.8
± 0.15
2.0
10.0
18.5
2.0
19.0
ns
Figures
1, 3
tPHL
2.5
± 0.2
0.8
5.0
10.5
0.8
11.0
CL = 15 pF,
3.3
± 0.3
0.5
3.2
8.0
0.5
8.5
RL = 1 MΩ
5.0
± 0.5
0.5
2.6
5.5
0.5
6.0
tPLH,
Propagation Delay
3.3
± 0.3
1.5
3.9
8.0
1.5
8.5
ns
CL = 50 pF,
Figures
1, 3
tPHL
5.0
± 0.5
0.8
2.9
5.5
0.8
6.0
RL = 500Ω
CIN
Input Capacitance
0
4
pF
CPD
Power Dissipation
3.3
23
pF
(Note 3)
Figure 2
Capacitance
5.0
30


Similar Part No. - NC7SZ27

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7SZ27 ONSEMI-NC7SZ27 Datasheet
254Kb / 9P
   UHS 3-Input NOR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ27L6X FAIRCHILD-NC7SZ27L6X Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7SZ27L6X ONSEMI-NC7SZ27L6X Datasheet
254Kb / 9P
   UHS 3-Input NOR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ27P6X FAIRCHILD-NC7SZ27P6X Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
More results

Similar Description - NC7SZ27

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ27 FAIRCHILD-NC7SZ27_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
logo
ON Semiconductor
NC7SZ27 ONSEMI-NC7SZ27 Datasheet
254Kb / 9P
   UHS 3-Input NOR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ332 FAIRCHILD-NC7SZ332 Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ10 FAIRCHILD-NC7SZ10_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ11 FAIRCHILD-NC7SZ11_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input AND Gate
NC7SZ332 FAIRCHILD-NC7SZ332_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ11 FAIRCHILD-NC7SZ11 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com