Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1066ASUZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1066ASUZ
Description  Super Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1066ASUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1066ASUZ Datasheet HTML 5Page - Analog Devices ADM1066ASUZ Datasheet HTML 6Page - Analog Devices ADM1066ASUZ Datasheet HTML 7Page - Analog Devices ADM1066ASUZ Datasheet HTML 8Page - Analog Devices ADM1066ASUZ Datasheet HTML 9Page - Analog Devices ADM1066ASUZ Datasheet HTML 10Page - Analog Devices ADM1066ASUZ Datasheet HTML 11Page - Analog Devices ADM1066ASUZ Datasheet HTML 12Page - Analog Devices ADM1066ASUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADM1066
Rev. E | Page 9 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM1066
TOP VIEW
(Not to Scale)
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
VX1 1
VX2 2
VX3 3
VX4 4
VX5 5
VP1 6
VP2 7
VP3 8
VP4 9
VH 10
PDO1
30
PDO2
29
PDO3
28
PDO4
27
PDO5
26
PDO6
25
PDO7
24
PDO8
23
PDO9
22
PDO10
21
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. THE LFCSP HAS AN EXPOSED PAD ON THE BOTTOM.
THIS PAD IS A NO CONNECT (NC). IF POSSIBLE, THIS
PAD SHOULD BE SOLDERED TO THE BOARD FOR
IMPROVED MECHANICAL STABILITY.
Figure 3. LFCSP Pin Configuration
NC = NO CONNECT
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
NC 1
VX1 2
VX2 3
VX3 4
VX4 5
VX5 6
VP1 7
VP2 8
VP3 9
VP4 10
VH 11
NC 12
NC
36
PDO1
35
PDO2
34
PDO3
33
PDO4
32
PDO5
31
PDO6
30
PDO7
29
PDO8
28
PDO9
27
PDO10
26
NC
25
ADM1066
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. TQFP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
LFCSP1
Mnemonic
TQFP
Description
1, 12, 13,
24, 25, 36,
37, 48
NC
No Connection.
1 to 5
2 to 6
VX1 to VX5 (VXx)
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V to
1.375 V. Alternatively, these pins can be used as general-purpose digital inputs.
6 to 9
7 to 10
VP1 to VP4 (VPx)
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering the
input attenuation on a potential divider connected to these pins, the output of which connects
to a supply fault detector. These pins allow thresholds from 2.5 V to 6.0 V, from 1.25 V to 3.00 V,
and from 0.573 V to 1.375 V.
10
11
VH
High Voltage Input to Supply Fault Detectors. Two input ranges can be set by altering the input
attenuation on a potential divider connected to this pin, the output of which connects to a
supply fault detector. This pin allows thresholds from 6.0 V to 14.4 V and from 2.5 V to 6.0 V.
11
14
AGND2
Ground Return for Input Attenuators.
12
15
REFGND2
Ground Return for On-Chip Reference Circuits.
13
16
REFIN
Reference Input for ADC. Nominally, 2.048 V. This pin must be driven by a reference voltage.
The on-board reference can be used by connecting the REFOUT pin to the REFIN pin.
14
17
REFOUT
Reference Output, 2.048 V. Typically connected to REFIN. Note that the capacitor must be
connected between this pin and REFGND. A 10 μF capacitor is recommended for this purpose.
15 to 20
18 to 23
DAC1 to DAC6
Voltage Output DACs. These pins default to high impedance at power-up.
21 to 30
26 to 35
PDO10 to PDO1
Programmable Driver Outputs.
31
38
PDOGND2
Ground Return for Driver Outputs.
32
39
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between this
pin and GND. A 10 μF capacitor is recommended for this purpose.
33
40
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
34
41
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
35
42
SCL
SMBus Clock Pin. Bidirectional, open-drain pin that requires external resistive pull-up.
36
43
SDA
SMBus Data Pin. Bidirectional, open-drain pin that requires external resistive pull-up.


Similar Part No. - ADM1066ASUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ASU AD-ADM1066ASU Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ASU-REEL AD-ADM1066ASU-REEL Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ASU-REEL7 AD-ADM1066ASU-REEL7 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ASU-U3 AD-ADM1066ASU-U3 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
More results

Similar Description - ADM1066ASUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com