Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1069ASTZ-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1069ASTZ-REEL
Description  Super Sequencer with Margining Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1069ASTZ-REEL Datasheet(HTML) 3 Page - Analog Devices

  ADM1069ASTZ-REEL Datasheet HTML 1Page - Analog Devices ADM1069ASTZ-REEL Datasheet HTML 2Page - Analog Devices ADM1069ASTZ-REEL Datasheet HTML 3Page - Analog Devices ADM1069ASTZ-REEL Datasheet HTML 4Page - Analog Devices ADM1069ASTZ-REEL Datasheet HTML 5Page - Analog Devices ADM1069ASTZ-REEL Datasheet HTML 6Page - Analog Devices ADM1069ASTZ-REEL Datasheet HTML 7Page - Analog Devices ADM1069ASTZ-REEL Datasheet HTML 8Page - Analog Devices ADM1069ASTZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADM1069
Rev. C | Page 3 of 32
Supply margining can be performed with a minimum of external
components. The margining loop can be used for in-circuit
testing of a board during production (for example, to verify
board functionality at −5% of nominal supplies), or it can be
used dynamically to accurately control the output voltage of
a dc-to-dc converter.
The device also provides up to eight programmable inputs for
monitoring undervoltage faults, overvoltage faults, or out-of-
window faults on up to eight supplies. In addition, there are eight
programmable outputs that can be used as logic enables. Six of
these programmable outputs can also provide up to a 12 V output
for driving the gate of an N-FET that can be placed in the path
of a supply.
The logical core of the device is a sequencing engine (SE). This
state machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs, based
on the condition of the inputs.
The ADM1069 is controlled via configuration data that can be
programmed into an EEPROM. The entire configuration can
be programmed using an intuitive GUI-based software package
provided by Analog Devices, Inc.
DETAILED BLOCK DIAGRAM
GPI SIGNAL
CONDITIONING
SFD
GPI SIGNAL
CONDITIONING
SFD
SFD
SFD
SELECTABLE
ATTENUATOR
SELECTABLE
ATTENUATOR
DEVICE
CONTROLLER
OSC
EEPROM
SDA SCL A1
A0
SMBus
INTERFACE
REFOUT
REFIN
REFGND
VREF
12-BIT
SAR ADC
ADM1069
CONFIGURABLE
OUTPUT DRIVER
(HV)
PDO1
PDO2
PDOGND
PDO3
VCCP
GND
PDO4
PDO5
CONFIGURABLE
OUTPUT DRIVER
(HV)
PDO6
CONFIGURABLE
OUTPUT DRIVER
(LV)
PDO7
CONFIGURABLE
OUTPUT DRIVER
(LV)
PDO8
SEQUENCING
ENGINE
VX2
VX3
VP2
VP3
VH
VP1
VX1
AGND
VX4
VDD
ARBITRATOR
REG 5.25V
CHARGE PUMP
DAC1
VOUT
DAC
DAC4
VOUT
DAC
DAC2 DAC3
VDDCAP
Figure 2. Detailed Block Diagram


Similar Part No. - ADM1069ASTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1069ACP AD-ADM1069ACP Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1069ACP-REEL AD-ADM1069ACP-REEL Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1069ACP-REEL7 AD-ADM1069ACP-REEL7 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
More results

Similar Description - ADM1069ASTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com