Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX512DJM8C Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCIMX512DJM8C
Description  Processors for Consumer and Industrial Products
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX512DJM8C Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCIMX512DJM8C Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX512DJM8C Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX512DJM8C Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX512DJM8C Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX512DJM8C Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX512DJM8C Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX512DJM8C Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX512DJM8C Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX512DJM8C Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 202 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
6
Freescale Semiconductor
Features
EMI
External
Memory
Interface
Connectivity
Peripherals
The EMI is an external and internal memory interface. It performs arbitration
between multi-AXI masters to multi-memory controllers, divided into four major
channels: fast memories (Mobile DDR, DDR2) channel, slow memories
(NOR-FLASH/PSRAM/NAND-FLASH and so on) channel, internal memory
(RAM, ROM) channel and graphical memory (GMEM) Channel.
In order to increase the bandwidth performance, the EMI separates the buffering
and the arbitration between different channels so parallel accesses can occur.
By separating the channels, slow accesses do not interfere with fast accesses.
EMI features:
• 64-bit and 32-bit AXI ports
• Enhanced arbitration scheme for fast channel, including dynamic master
priority, and taking into account which pages are open or closed and what
type (Read or Write) was the last access
• Flexible bank interleaving
• Supports 16/32-bit Mobile DDR up to 200 MHz SDCLK (mDDR400)
• Supports 16/32-bit (Non-Mobile) DDR2 up to 200 MHz SDCLK (DDR2-400)
• Supports up to 2 Gbit Mobile DDR memories
• Supports 16-bit (in muxed mode only) PSRAM memories (sync and async
operating modes), at slow frequency, for debugging purposes
• Supports 32-bit NOR-Flash memories (only in muxed mode), at slow
frequencies for debugging purposes
• Supports 4/8-ECC, page sizes of 512 Bytes, 2 Kbytes and 4 Kbytes
• NAND-Flash (including MLC)
• Multiple chip selects
• Enhanced Mobile DDR memory controller, supporting access latency hiding
• Supports watermarking for security (Internal and external memories)
• Supports Samsung OneNAND
(only in muxed I/O mode)
EPIT-1
EPIT-2
Enhanced
Periodic
Interrupt
Timer
Timer
Peripherals
Each EPIT is a 32-bit “set and forget” timer that starts counting after the EPIT is
enabled by software. It is capable of providing precise interrupts at regular
intervals with minimal processor intervention. It has a 12-bit prescaler for division
of input clock frequency to get the required time setting for the interrupts to occur,
and counter values can be programmed on the fly.
eSDHC-1
eSDHC-2
eSDHC-3
Enhanced
Multi-Media
Card/
Secure Digital
Host
Controller
Connectivity
Peripherals
The features of the eSDHC module, when serving as host, include the following:
• Conforms to SD Host Controller Standard Specification version 2.0
• Compatible with the MMC System Specification version 4.2
• Compatible with the SD Memory Card Specification version 2.0
• Compatible with the SDIO Card Specification version 1.2
• Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD
Combo, MMC and MMC RS cards
• Configurable to work in one of the following modes:
—SD/SDIO 1-bit, 4-bit
—MMC 1-bit, 4-bit, 8-bit
• Full-/high-speed mode
• Host clock frequency variable between 32 kHz to 52 MHz
• Up to 200 Mbps data transfer for SD/SDIO cards using four parallel data lines
• Up to 416 Mbps data transfer for MMC cards using eight parallel data lines
Table 2. i.MX51 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description


Similar Part No. - MCIMX512DJM8C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX512DJM8C FREESCALE-MCIMX512DJM8C Datasheet
3Mb / 184P
   i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
MCIMX512DJM8C NXP-MCIMX512DJM8C Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results

Similar Description - MCIMX512DJM8C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX51 FREESCALE-IMX51 Datasheet
3Mb / 184P
   i.MX51 Applications Processors for Consumer and Industrial Products
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com