Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG823BRMZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG823BRMZ-REEL7
Description  1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG823BRMZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG823BRMZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG821/ADG822/ADG823
Rev. A | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Analog Inputs1
−0.3 V to VDD + 0.3 V or 30 mA,
whichever occurs first
Digital Inputs1
−0.3 V to VDD + 0.3 V or 30 mA,
whichever occurs first
Peak Current, S or D
400 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, S or D
200 mA
Operating Temperature Range
Automotive
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
Package Power Dissipation
(TJ max − TA)/θJA
8-Lead MSOP Thermal Impedance
θJA
206°C/W
θJC
44°C/W
Lead Temperature,
Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20
sec)
235°C
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Truth Table for the ADG821/ADG822
ADG821 INx
ADG822 INx
Switch x Condition
0
1
Off
1
0
On
Table 5. Truth Table for the ADG823
IN1
IN2
Switch S1
Switch S2
0
0
Off
On
0
1
Off
Off
1
0
On
On
1
1
On
Off
ESD CAUTION


Similar Part No. - ADG823BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG823BRM AD-ADG823BRM Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
More results

Similar Description - ADG823BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com