Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG819BRTZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG819BRTZ-REEL7
Description  0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG819BRTZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG819BRTZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG819BRTZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG819BRTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG819BRTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG819BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG819BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG819BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG819BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG819BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG819
Data Sheet
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 2. 6-Lead SOT-23 Pin Configuration
Figure 3. 6-Ball WLCSP Pin Configuration
Table 5. 6-Lead SOT-23 and 6-Ball WLCSP Pin Function Descriptions
Pin No.
SOT-23
WLCSP
Mnemonic
Description
1
6
IN
Logic Control Input.
2
5
V
DD
Most Positive Power Supply Potential.
3
4
GND
Ground (0 V) Reference.
4
3
S1
Source Terminal. Can be an input or output.
5
2
D
Drain Terminal. Can be an input or output.
6
1
S2
Source Terminal. Can be an input or output.
Figure 4. 8-Lead MSOP Pin Configuration
Table 6. 8-Lead MSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D
Drain Terminal. Can be an input or output.
2
S1
Source Terminal. Can be an input or output.
3
GND
Ground (0 V) Reference.
4
V
DD
Most Positive Power Supply Potential.
5
NC
No Connect. Do not connect to this pin.
6
IN
Logic Control Input.
7
NC
No Connect. Do not connect to this pin.
8
S2
Source Terminal. Can be an input or output.
TOP VIEW
(Not to Scale)
6
2
5
4
1
3
ADG819
S2
IN
D
VDD
S1
GND
TOP VIEW
(BUMPS AT THE BOTTOM)
NOT TO SCALE
S2
1
IN
6
D
2
VDD
5
S1
3
GND
4
ADG819
D
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
ADG819
S2
NC
S1
IN
GND
VDD
NC
NC = NO CONNECT


Similar Part No. - ADG819BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Similar Description - ADG819BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836YRMZ AD-ADG836YRMZ Datasheet
563Kb / 16P
   0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
REV. A
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
logo
Intersil Corporation
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com