Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG728BRUZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG728BRUZ-REEL7
Description  CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG728BRUZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG728BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG728BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG728BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG728BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG728BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG728BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG728BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG728BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG728BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ADG728/ADG729
–11–
TEST CIRCUITS
IDS
S
VS
D
V1
RON = V1/IDS
Test Circuit 1. On Resistance
IS (OFF)
S1
S2
S8
D
A
GND
VDD
VDD
VD
VS
Test Circuit 2. ID (OFF)
S1
S2
S8
D
GND
VDD
VDD
VS
A
ID (OFF)
VD
Test Circuit 3. IS (OFF)
S1
S8
D
GND
VDD
VDD
VS
A
ID (ON)
VD
Test Circuit 4. ID (ON)
GND
VDD
VDD
50%
t
OFF
90%
90%
50%
VS1
80%
80%
VS1 = VS8
VOUT
VOUT
t
ON
t
OPEN
SCL
VOUT
D
VS1
ADG728*
S1
S8
S2 THRU S7
RL
300
CL
35pF
VS8
* SIMILAR CONNECTION FOR ADG729
Test Circuit 5. Switching Times and Break-Before-Make Times
MULTIPLE DEVICES ON ONE BUS
Figure 20 shows four ADG728s devices on the same serial bus.
Each has a different slave address since the state of their A0 and
A1 pins is different. This allows each Matrix Switch to be writ-
ten to or read from independently. Because the ADG729 has a
different address to the ADG728, it would be possible for four
of each of these devices to be connected to the same bus.
ADG728
A1
A0
SDA
SCL
ADG728
A1
A0
SDA
SCL
ADG728
A1
A0
SDA
SCL
ADG728
A1
A0
SDA
SCL
SCL
SDA
+5V
VDD
MASTER
RP
RP
VDD
VDD
Figure 20. Multiple ADG728s on the Same Bus
REV. C


Similar Part No. - ADG728BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG728BRU AD-ADG728BRU Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
More results

Similar Description - ADG728BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com