Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ126P5X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZ126P5X
Description  TinyLogic UHS Buffer with 3-STATE Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ126P5X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZ126P5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ126P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ126P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ126P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ126P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ126P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ126P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ126P5X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Tape and Reel Specification
TAPE FORMAT for SC70 and SOT23
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
M5X, P5X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-5
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)
SOT23-5
8 mm
0.130
0.130
0.138
± 0.002 0.055 ± 0.004
0.157
0.315
± 0.012
(3.3)
(3.3)
(3.5
± 0.05)
(1.4
± 0.11)
(4)
(8
± 0.3)


Similar Part No. - NC7SZ126P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ126P5X FAIRCHILD-NC7SZ126P5X Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126P5X FAIRCHILD-NC7SZ126P5X Datasheet
513Kb / 12P
   TinyLogic짰UHS Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SZ126P5X ONSEMI-NC7SZ126P5X Datasheet
622Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
NC7SZ126P5X ONSEMI-NC7SZ126P5X Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
NC7SZ126P5X-F22057 ONSEMI-NC7SZ126P5X-F22057 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
More results

Similar Description - NC7SZ126P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125 Datasheet
93Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_05 Datasheet
169Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SZ126 ONSEMI-NC7SZ126_V01 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
NC7SZ125 ONSEMI-NC7SZ125 Datasheet
540Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
NC7SZ126 ONSEMI-NC7SZ126 Datasheet
622Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SZ125FHX FAIRCHILD-NC7SZ125FHX Datasheet
983Kb / 10P
   TinyLogic UHS Buffer with Three-State Output
logo
ON Semiconductor
NC7SZ125 ONSEMI-NC7SZ125_V01 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ126 FAIRCHILD-NC7WZ126 Datasheet
172Kb / 8P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
logo
ON Semiconductor
NC7WZ241 ONSEMI-NC7WZ241 Datasheet
282Kb / 11P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com