Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD22037Z-RL Datasheet(PDF) 4 Page - Analog Devices

Part # AD22037Z-RL
Description  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22037Z-RL Datasheet(HTML) 4 Page - Analog Devices

  AD22037Z-RL Datasheet HTML 1Page - Analog Devices AD22037Z-RL Datasheet HTML 2Page - Analog Devices AD22037Z-RL Datasheet HTML 3Page - Analog Devices AD22037Z-RL Datasheet HTML 4Page - Analog Devices AD22037Z-RL Datasheet HTML 5Page - Analog Devices AD22037Z-RL Datasheet HTML 6Page - Analog Devices AD22037Z-RL Datasheet HTML 7Page - Analog Devices AD22037Z-RL Datasheet HTML 8Page - Analog Devices AD22037Z-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADXL103/ADXL203
Data Sheet
Rev. D | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, Unpowered)
3500 g
Acceleration (Any Axis, Powered)
3500 g
Drop Test (Concrete Surface)
1.2 m
VS
−0.3 V to +7.0 V
All Other Pins
(COM − 0.3 V) to
(VS + 0.3 V)
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Temperature Range (Powered)
−55°C to +125°C
Temperature Range (Storage)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other
conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 3. Package Characteristics
Package Type
θJA
θJC
Device Weight
8-Terminal Ceramic LCC
120°C/W
20°C/W
<1.0 gram
ESD CAUTION
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 2. Recommended Soldering Profile
Table 4. Solder Profile Parameters
Test Condition
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/second maximum
3°C/second maximum
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (tS)
60 seconds to 120 seconds
60 seconds to 150 seconds
TSMAX to TL
Ramp-Up Rate
3°C/second
3°C/second
Time Maintained above Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 seconds to 150 seconds
60 seconds to 150 seconds
Peak Temperature (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
Time Within 5°C of Actual Peak Temperature (tP)
10 seconds to 30 seconds
20 seconds to 40 seconds
Ramp-Down Rate
6°C/second maximum
6°C/second maximum
Time 25°C to Peak Temperature
6 minutes maximum
8 minutes maximum


Similar Part No. - AD22037Z-RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD220-00 ETC2-AD220-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD22001 AD-AD22001 Datasheet
146Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
AD22001N AD-AD22001N Datasheet
146Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
AD22001 AD-AD22001_15 Datasheet
150Kb / 8P
   5-Channel Monolithic Comparator for Lamp Monitoring
REV. A
logo
Microchip Technology
AD220032D-I-AB MICROCHIP-AD220032D-I-AB Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - AD22037Z-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
CRYSTEK CORPORATION
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
   SS402 50 Ohm 18G Hz Precision Coaxial Cables
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
   5G Antenna
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com