Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD73311EZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD73311EZ
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD73311EZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD73311EZ Datasheet HTML 1Page - Analog Devices EVAL-AD73311EZ Datasheet HTML 2Page - Analog Devices EVAL-AD73311EZ Datasheet HTML 3Page - Analog Devices EVAL-AD73311EZ Datasheet HTML 4Page - Analog Devices EVAL-AD73311EZ Datasheet HTML 5Page - Analog Devices EVAL-AD73311EZ Datasheet HTML 6Page - Analog Devices EVAL-AD73311EZ Datasheet HTML 7Page - Analog Devices EVAL-AD73311EZ Datasheet HTML 8Page - Analog Devices EVAL-AD73311EZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
(AVDD = +5 V
10%; DVDD = +5 V
10%; DGND = AGND = 0 V, fMCLK = 16.384 MHz,
FS = 64 kHz; TA = TMIN to TMAX, unless otherwise noted)
AD73311A
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE
REFCAP
Absolute Voltage, VREFCAP
1.2
V
5VEN = 0
2.4
V
5VEN = 1
REFCAP TC
50
ppm/
°C 0.1 µF Capacitor Required from
REFOUT
REFCAP to AGND2
Typical Output Impedance
68
Absolute Voltage, VREFOUT
1.2
V
5VEN = 0, Unloaded
2.4
V
5VEN = 1, Unloaded
Minimum Load Resistance
2
k
5VEN = 1
Maximum Load Capacitance
100
pF
ADC SPECIFICATIONS
Maximum Input Range at VIN
2, 3
3.156
V p-p
5VEN = 1, Measured Differentially
3.17
dBm
Nominal Reference Level at VIN
2.1908
V p-p
5VEN = 1, Measured Differentially
(0 dBm0)
0
dBm
Absolute Gain
PGA = 0 dB
0.1
dB
1.0 kHz, 0 dBm0
PGA = 38 dB
–0.5
dB
1.0 kHz, 0 dBm0
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to –50 dBm0
Signal to (Noise + Distortion)
Refer to Figure 5
PGA = 0 dB
76
dB
300 Hz to 3.4 kHz Frequency Range
59
dB
0 Hz to 32 kHz Frequency Range
PGA = 38 dB
71
dB
300 Hz to 3.4 kHz Frequency Range
57
dB
0 Hz to 32 kHz Frequency Range
Total Harmonic Distortion
PGA = 0 dB
–76
dB
PGA = 38 dB
–69
dB
Intermodulation Distortion
–69
dB
PGA = 0 dB
Idle Channel Noise
–67
dBm0
PGA = 0 dB
Crosstalk
–80
dB
ADC Input Signal Level: 1.0 kHz, 0 dBm0
DAC Input at Idle
DC Offset
+20
mV
PGA = 0 dB
Power Supply Rejection
–55
dB
Input Signal Level at AVDD and DVDD
Pins 1.0 kHz, 100 mV p-p Sine Wave
Group Delay
4, 5
25
µs
64 kHz Output Sample Rate
Input Resistance at VIN
2, 4
25
k
6
DMCLK = 16.384 MHz
DAC SPECIFICATIONS
Maximum Voltage Output Swing
2
Single Ended
3.156
V p-p
5VEN = 1, PGA = 6 dB
3.17
dBm
Differential
6.312
V p-p
5VEN = 1, PGA = 6 dB
9.19
dBm
Nominal Voltage Output Swing (0 dBm0)
Single-Ended
2.1908
V p-p
5VEN = 1, PGA = 6 dB
0
dBm
Differential
4.3918
V p-p
5VEN = 1, PGA = 6 dB
6.02
dBm
Output Bias Voltage
VREFOUT
V typ
5VEN = 1, REFOUT Unloaded
Absolute Gain
±0.4
dB
1.0 kHz, 0 dBm0
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to –50 dBm0
Signal to (Noise + Distortion)
Refer to Figure 5
PGA = 0 dB
66
dB
300 Hz to 3.4 kHz Frequency Range
64
dB
0 Hz to 32 kHz Frequency Range
PGA = 6 dB
66
dB
300 Hz to 3.4 kHz Frequency Range
64
dB
0 Hz to 32 kHz Frequency Range
Total Harmonic Distortion
PGA = 0 dB
–62.5
dB
PGA = 6 dB
–62.5
dB
Intermodulation Distortion
–60
dB
PGA = 0
Idle Channel Noise
–75
dBm0
PGA = 0
Crosstalk
–80
dB
ADC Input Signal Level: AGND; DAC
Output Signal Level: 1.0 kHz, 0 dBm0
AD73311–SPECIFICATIONS1
–4–
REV. B


Similar Part No. - EVAL-AD73311EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD73311EZ AD-EVAL-AD73311EZ Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results

Similar Description - EVAL-AD73311EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com