Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS859 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TPS859
Description  TOSHIBA Photo IC Silicon Epitaxial Planar
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS859 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TPS859 Datasheet HTML 5Page - Toshiba Semiconductor TPS859 Datasheet HTML 6Page - Toshiba Semiconductor TPS859 Datasheet HTML 7Page - Toshiba Semiconductor TPS859 Datasheet HTML 8Page - Toshiba Semiconductor TPS859 Datasheet HTML 9Page - Toshiba Semiconductor TPS859 Datasheet HTML 10Page - Toshiba Semiconductor TPS859 Datasheet HTML 11Page - Toshiba Semiconductor TPS859 Datasheet HTML 12Page - Toshiba Semiconductor TPS859 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TPS859
2008-05-13
11
Ambient temperature Ta (°C)
P – Ta
Luminance EV (lx)
IL – EV
(typ)
Supply voltage VCC (V)
Relative IL – VCC
(typ)
0
0
40
20
40
60
80
100
30
20
10
5
35
25
15
Ta
= 25°C
Ev= 100 lx
Using fluorescent light
0.8
1
1.2
6
2
3
4
5
1.1
1.0
0.9
Ta
= 25°C
VCC = 3 V
10000
1000
100
10
1
1
10
100
1000
10000
Ambient temperature Ta (°C)
Relative IL – Ta
(typ)
VCC = 3 V
Ev= 100 lx
Using fluorescent light
0.8
1.2
1.1
1.0
0.9
Luminance EV (lx)
ICC – EV
(typ)
10000
1000
100
10
1
1
10
100
1000
10000
Ambient temperature Ta (°C)
ILEAK – Ta
(typ)
1
0.001
20
VCC = 3 V
0.1
0.01
40
60
80
100
Ta = 25°C
VCC = 3 V
RL = 1 kΩ
RL = 5 kΩ
RL = 25 kΩ
−40
−20
0
20
40
60
80
100


Similar Part No. - TPS859

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
275Kb / 10P
   Photo-IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850_07 Datasheet
275Kb / 10P
   Photo-IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
203Kb / 12P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
272Kb / 12P
   Silicon Epitaxial Planar
More results

Similar Description - TPS859

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS819 TOSHIBA-TPS819 Datasheet
169Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
203Kb / 12P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS818 TOSHIBA-TPS818 Datasheet
128Kb / 5P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS806 TOSHIBA-TPS806 Datasheet
237Kb / 5P
   TOSHIBA PHOTO IC SILICON EPITAXIAL PLANAR
TPS853 TOSHIBA-TPS853 Datasheet
176Kb / 12P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS812 TOSHIBA-TPS812 Datasheet
270Kb / 5P
   TOSHIBA PHOTO IC SILICON EXITAXIAL PLANAR
TPS813 TOSHIBA-TPS813 Datasheet
271Kb / 5P
   PHOTO IC SILICON EPITAXIAL PLANAR
TPS850 TOSHIBA-TPS850_07 Datasheet
275Kb / 10P
   Photo-IC Silicon Epitaxial Planar
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
   TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com