Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV58L6X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SV58L6X
Description  TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV58L6X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SV58L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SV58L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SV58L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SV58L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SV58L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SV58L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SV58L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SV58L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SV58L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500671
www.fairchildsemi.com
June 2002
Revised January 2003
NC7SV57 • NC7SV58
TinyLogic
 ULP-A Universal Configurable
2-Input Logic Gates
General Description
The NC7SV57 and NC7SV58 are universal configurable
2-input
logic
gates from Fairchild’s Ultra Low Power
(ULP-A) Series of TinyLogic
. ULP-A is ideal for applica-
tions that require extreme high speed, high drive and low
power. This product is designed for a wide low voltage
operating range (0.9V to 3.6V VCC) and applications that
require more drive and speed than the TinyLogic ULP
series, but still offer best in class low power operation.
Each device is capable of being configured for 1 of 5
unique 2-input logic functions. Any possible 2-input combi-
natorial logic function can be implemented as shown in the
Function Selection Table. Device functionality is selected
by how the device is wired at the board level. Figure 1
through Figure 10 illustrate how to connect the NC7SV57
and NC7SV58 respectively for the desired logic function.
All inputs have been implemented with hysteresis.
The NC7SV57 and NC7SV58 are uniquely designed for
optimized power and speed, and are fabricated with an
advanced CMOS technology to achieve high-speed opera-
tion while maintaining low CMOS power dissipation.
Features
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s Extremely High Speed tPD
2.5 ns typ for 2.7V to 3.6V VCC
3.1 ns typ for 2.3V to 2.7V VCC
4.0 ns typ for 1.65V to 1.95V VCC
6.0 ns typ for 1.4V to 1.6V VCC
8.0 ns typ for 1.1V to 1.3V VCC
23.0 ns typ for 0.9V VCC
s Power-Off high impedance inputs and outputs
s High Static Drive (IOH/IOL)
±24 mA @ 3.00V V
CC
±18 mA @ 2.30V V
CC
±6 mA
@ 1.65V VCC
±4 mA
@ 1.4V VCC
±2 mA
@ 1.1V VCC
±0.1 mA @ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra small MicroPak
 leadfree package
s Ultra low Dynamic Power
Ordering Code:
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9)/(Pdevice)/24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
, MicroPak, and Quiet Series are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7SV57P6X
MAA06A
V57
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7SV57L6X
MAC06A
H3
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
NC7SV58P6X
MAA06A
V58
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7SV58L6X
MAC06A
H4
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7SV58L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV58L6X FAIRCHILD-NC7SV58L6X Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SV58L6X ONSEMI-NC7SV58L6X Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
NC7SV58L6X ONSEMI-NC7SV58L6X Datasheet
376Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
logo
Fairchild Semiconductor
NC7SV58L6X FAIRCHILD-NC7SV58L6X_10 Datasheet
633Kb / 14P
   TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
More results

Similar Description - NC7SV58L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SP57 FAIRCHILD-NC7SP57_04 Datasheet
181Kb / 11P
   TinyLogic ULP Universal Configurable 2-Input Logic Gates
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57_V01 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
NC7SV57 ONSEMI-NC7SV57_V01 Datasheet
376Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
NC7SV57 ONSEMI-NC7SV57 Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_05 Datasheet
175Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_10 Datasheet
633Kb / 14P
   TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com