Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ00 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZ00
Description  TinyLogic UHS 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ00 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZ00 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ00 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ00 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ00 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ00 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ00 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ00 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Tape and Reel Specification
Tape Format
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
M5, P5
Carrier
250
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Leader (Start End)
125 (typ)
Empty
Sealed
M5X, P5X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-5
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)
SOT23-5
8 mm
0.130
0.130
0.138
± 0.002 0.055 ± 0.004
0.157
0.315
± 0.012
(3.3)
(3.3)
(3.5
± 0.05)
(1.4
± 0.11)
(4)
(8
± 0.3)


Similar Part No. - NC7SZ00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
logo
ON Semiconductor
NC7SZ00 ONSEMI-NC7SZ00 Datasheet
411Kb / 11P
   TinyLogic UHS Two-Input NAND Gate
May, 2021 ??Rev. 6
NC7SZ00FHX ONSEMI-NC7SZ00FHX Datasheet
411Kb / 11P
   TinyLogic UHS Two-Input NAND Gate
May, 2021 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ00FHX FAIRCHILD-NC7SZ00FHX_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
NC7SZ00L6X FAIRCHILD-NC7SZ00L6X Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
More results

Similar Description - NC7SZ00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00_05 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ00 ONSEMI-NC7WZ00_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ10 FAIRCHILD-NC7SZ10_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ10 FAIRCHILD-NC7SZ10 Datasheet
100Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
logo
ON Semiconductor
NC7SZ00 ONSEMI-NC7SZ00 Datasheet
411Kb / 11P
   TinyLogic UHS Two-Input NAND Gate
May, 2021 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38 Datasheet
104Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38_V01 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com