Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP118 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP118
Description  TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP118 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP118 Datasheet HTML 1Page - Toshiba Semiconductor TLP118 Datasheet HTML 2Page - Toshiba Semiconductor TLP118 Datasheet HTML 3Page - Toshiba Semiconductor TLP118 Datasheet HTML 4Page - Toshiba Semiconductor TLP118 Datasheet HTML 5Page - Toshiba Semiconductor TLP118 Datasheet HTML 6Page - Toshiba Semiconductor TLP118 Datasheet HTML 7Page - Toshiba Semiconductor TLP118 Datasheet HTML 8Page - Toshiba Semiconductor TLP118 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLP118
2010-03-02
3
Electrical Characteristics
(Unless otherwise specified, Ta=-40 to 125°C, VCC=4.5 to 5.5 V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP.
MAX
UNIT
Input Forward Voltage
VF
-
IF = 10 mA , Ta = 25°C
1.45
1.61
1.85
V
Temperature Coefficient
of Forward Voltage
ΔVF/ΔTa
-
IF = 10 mA
-
-1.6
-
mV/
°C
Input Reverse Current
IR
-
VR = 5 V , Ta = 25°C
-
-
10
μA
Input Capacitance
CT
-
V = 0 , f = 1 MHz, Ta = 25
°C
-
60
-
pF
VF=0.8 V ,VO=5.5 V
-
-
250
Logic High Output Current
IOH
1
Ta = 25℃
-
0.5
10
μA
Logic Low Output Voltage
VOL
2
IF = 10 mA, IO = 13 mA (Sinking)
-
0.2
0.6
V
Logic Low Supply Current
ICCL
3
IF = 10 mA
-
1.5
5
mA
Logic High Supply Current
ICCH
4
IF = 0 mA
-
1.5
5
mA
“H Level Output to L Level
Output” Input Current
IFH
-
IO = 13 mA (Sinking), VO < 0.6 V
-
1.0
5.0
mA
*All typical values are at Ta=25°C, VCC=5 V unless otherwise specified
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIN
TYP.
MAX
UNIT
Capacitance input to output
CS
VS = 0,f = 1 MHz
(Note 2)
0.8
pF
Isolation resistance
RS
R.H.
≤ 60%,VS = 500 V
(Note 2) 1×10
12
10
14
Ω
AC,1 minute
3750
AC,1 second,in oil
10000
Vrms
Isolation voltage
BVS
DC,1 minute,in oil
10000
Vdc


Similar Part No. - TLP118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112 TOSHIBA-TLP112 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
More results

Similar Description - TLP118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com