Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP117 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP117
Description  TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP117 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP117 Datasheet HTML 1Page - Toshiba Semiconductor TLP117 Datasheet HTML 2Page - Toshiba Semiconductor TLP117 Datasheet HTML 3Page - Toshiba Semiconductor TLP117 Datasheet HTML 4Page - Toshiba Semiconductor TLP117 Datasheet HTML 5Page - Toshiba Semiconductor TLP117 Datasheet HTML 6Page - Toshiba Semiconductor TLP117 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP117
2010-04-02
4
Switching Characteristics
(Unless otherwise specified, Ta=-40 to 105
°C, VCC=4.5 to 5.5V)
Characteristic
Symbol
Test
Circuit
Conditions
Min
Typ.
Max
Unit
Propagation delay time
to logic high output
tpHL
VIN=0 to 5V
30
ns
Propagation delay time
to logic low output
tpLH
VIN=5 to 0V
30
ns
Switching time dispersion
between ON and OFF
|tpHL-
tpLH|
10
ns
Output fall time(90-10%)
tf
VIN=0 to 5V
3
ns
Output rise time(10-90%)
tr
5
VIN=5 to 0V
RIN=360Ω
CIN =22pF
VL=0V
(Note 5)
2
ns
Propagation delay time
to logic high output
tpHL
VIN=1.1 to 5V
20
ns
Propagation delay time
to logic low output
tpLH
VIN=5 to 1.1V
20
ns
Propagation delay skew
tpsk
16
ns
Switching time dispersion
between ON and OFF
|tpHL-
tpLH|
2
8
ns
Output fall time(90-10%)
tf
VIN=1.1 to 5V
3
ns
Output rise time(10-90%)
tr
VIN=5 to 1.1V
3
ns
Data rate
T
6
RIN=360Ω
CIN=22pF
VL=1.1V
(Note 5)
50
MBd
Common mode transient
immunity at high Level
output
CMH
VCM=1000Vp-p, Ta=25°C
IF=0mA,VCC =5V, VO(Min)=4V,
10000
V/
μs
Common mode transient
immunity at low level
output
CML
7
VCM=1000Vp-p, ,Ta=25°C
IF=10mA,VCC=5V,VO(Max)=0.4V
-10000
V/
μs
*All typical values are at Ta=25
°C, VCC =5V.
Note 5 : CL is approximately 15pF which includes probe and Jig/stray wiring capacitance.
Note 6 : This product has an automatic threshold control (ATC) circuit in order to reduce input current dependence of
its switching time. The ATC circuit may not be able to respond accordingly when an input signal is driven after a
prolonged absence of signals to the product. As a result, switching operation, pertaining to the first pulse of an
input signal, could be unstable. Theoretically however, stable switching operation should be achievable from the
second pulse onwards. As such, please check the switching operation and take the appropriate measures when
designing applications in which this product shall be used.


Similar Part No. - TLP117

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
TLP11716117160150051 HUBERSUHNER-TLP11716117160150051 Datasheet
502Kb / 2P
   LOW PIM TEST ASSEMBLIES, 716 (male), 716 (male), 50 Ohm, 4 GHz, 1500mm
TLP1171611N0150051 HUBERSUHNER-TLP1171611N0150051 Datasheet
503Kb / 2P
   LOW PIM TEST ASSEMBLIES, 716 (male), N (male), 50 Ohm, 4 GHz, 1500mm
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
More results

Similar Description - TLP117

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
   TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP116A TOSHIBA-TLP116A Datasheet
274Kb / 9P
   PHOTOCOUPLER GaA?밃s LED & PHOTO-IC
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com