Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ34F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SZ34F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ34F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SZ34F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SZ34F/FU
2012-09-03
2
IEC Logic Symbol
Truth Table
A
Y
L
L
H
H
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.65 to 5.5
Supply voltage
VCC
1.5 to 5.5
(Note 4)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 5)
Output voltage
VOUT
0 to VCC
(Note 6)
V
Operating temperature
Topr
−40 to 85
°C
0 to 20 (VCC = 1.80 V ± 0.15V,2.5 V ± 0.2 V)
0 to 10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0 to 5 (VCC = 5.0 V ± 0.5 V)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V
Note 6: High or Low State
IN A
= 1
OUT Y


Similar Part No. - TC7SZ34F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ34FE TOSHIBA-TC7SZ34FE Datasheet
158Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ34FU TOSHIBA-TC7SZ34FU_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
More results

Similar Description - TC7SZ34F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com