Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72580E0250K062 Datasheet(PDF) 5 Page - EPCOS

Part # B72580E0250K062
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E0250K062 Datasheet(HTML) 5 Page - EPCOS

  B72580E0250K062 Datasheet HTML 1Page - EPCOS B72580E0250K062 Datasheet HTML 2Page - EPCOS B72580E0250K062 Datasheet HTML 3Page - EPCOS B72580E0250K062 Datasheet HTML 4Page - EPCOS B72580E0250K062 Datasheet HTML 5Page - EPCOS B72580E0250K062 Datasheet HTML 6Page - EPCOS B72580E0250K062 Datasheet HTML 7Page - EPCOS B72580E0250K062 Datasheet HTML 8Page - EPCOS B72580E0250K062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Ceramic transient voltage suppressors
B72580E0250K062
SMD multilayer varistor, E series
CT1812K25G
Preliminary data sheet
PPD ML PD
2012-10-11
Please read Cautions and warnings and
Page 5 of 14
Important notes at the end of this document.
Temperature derating
The specified ratings for I
max, Isurge,max and Pdiss,max are valid up to 150 °C.
For operation above 150 °C we recommend the below derating.
Dimensional drawing
MLV0031-M
w
k
Dimensions in mm
Case size
l
w
h
k
1812
4.5 ±0.4
3.2 ±0.3
2.5 max
0.25 … 1.00
Recommended solder pad layout
Dimensions in mm
Case size
A
B
C
1812
3.60
1.50
3.00
MLV0034-P
A


Similar Part No. - B72580E0250K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72580E0300K062 EPCOS-B72580E0300K062 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results

Similar Description - B72580E0250K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520E0350K062 EPCOS-B72520E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0400K062 EPCOS-B72520E0400K062 Datasheet
178Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E1250K062 EPCOS-B72520E1250K062 Datasheet
186Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E1140S262 EPCOS-B72540E1140S262 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E3140S272 EPCOS-B72540E3140S272 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0300K062 EPCOS-B72520E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0300K062 EPCOS-B72530E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0350K062 EPCOS-B72530E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E1140S262 EPCOS-B72580E1140S262 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com