Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMXB350UPE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMXB350UPE
Description  20 V, P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMXB350UPE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMXB350UPE Datasheet HTML 4Page - NXP Semiconductors PMXB350UPE Datasheet HTML 5Page - NXP Semiconductors PMXB350UPE Datasheet HTML 6Page - NXP Semiconductors PMXB350UPE Datasheet HTML 7Page - NXP Semiconductors PMXB350UPE Datasheet HTML 8Page - NXP Semiconductors PMXB350UPE Datasheet HTML 9Page - NXP Semiconductors PMXB350UPE Datasheet HTML 10Page - NXP Semiconductors PMXB350UPE Datasheet HTML 11Page - NXP Semiconductors PMXB350UPE Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NXP Semiconductors
PMXB350UPE
20 V, P-channel Trench MOSFET
PMXB350UPE
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
19 September 2013
8 / 15
VGS (V)
0
-5
-4
-2
-3
-1
aaa-009335
-4
-6
-2
-8
-10
ID
(A)
0
Tj = 150 °C
Tj = 25 °C
VDS > ID × RDSon
Fig. 11. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj (°C)
-60
180
120
0
60
aaa-009336
1.0
0.5
1.5
2.0
a
0
Fig. 12. Normalized drain-source on-state resistance
as a function of junction temperature; typical
values
Tj (°C)
-60
180
120
0
60
aaa-009276
-0.5
-1.0
-1.5
VGS(th)
(V)
0
max
typ
min
ID = -0.25 mA; VDS = VGS
Fig. 13. Gate-source threshold voltage as a function of
junction temperature
VDS (V)
-10-1
-102
-10
-1
aaa-009277
102
10
103
C
(pF)
1
Ciss
Coss
Crss
f = 1 MHz; VGS = 0 V
Fig. 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values


Similar Part No. - PMXB350UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB350UPE NEXPERIA-PMXB350UPE Datasheet
727Kb / 15P
   20 V, P-channel Trench MOSFET
24 January 2014
logo
NXP Semiconductors
PMXB350UPE PHILIPS-PMXB350UPE_15 Datasheet
245Kb / 15P
   20 V, P-channel Trench MOSFET
24 January 2014
More results

Similar Description - PMXB350UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
logo
Nexperia B.V. All right...
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
   20 V, P-channel Trench MOSFET
13 October 2020
PMN40XPEA NEXPERIA-PMN40XPEA Datasheet
286Kb / 15P
   20 V, P-channel Trench MOSFET
7 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com