Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9822JRSZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9822JRSZ
Description  Complete 14-Bit CCD/CIS Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822JRSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9822JRSZ Datasheet HTML 3Page - Analog Devices AD9822JRSZ Datasheet HTML 4Page - Analog Devices AD9822JRSZ Datasheet HTML 5Page - Analog Devices AD9822JRSZ Datasheet HTML 6Page - Analog Devices AD9822JRSZ Datasheet HTML 7Page - Analog Devices AD9822JRSZ Datasheet HTML 8Page - Analog Devices AD9822JRSZ Datasheet HTML 9Page - Analog Devices AD9822JRSZ Datasheet HTML 10Page - Analog Devices AD9822JRSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD9822
Rev. B | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CDSCLK1
CDSCLK2
ADCCLK
OEB
AVDD
28
AVSS
27
VINR
26
OFFSET
25
DRVDD
DRVSS
(MSB) D7
VING
24
CML
23
VINB
22
D6
CAPT
21
D5
CAPB
20
D4 10
AVSS
19
D3 11
AVDD
18
D2 12
SLOAD
17
D1 13
SCLK
16
(LSB) D0 14
SDATA
15
1
2
3
4
5
6
7
8
9
AD9822
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
CDSCLK1
DI
CDS Reference Level Sampling Clock.
2
CDSCLK2
DI
CDS Data Level Sampling Clock.
3
ADCCLK
DI
ADC Sampling Clock.
4
OEB
DI
Output Enable, Active Low.
5
DRVDD
P
Digital Output Driver Supply.
6
DRVSS
P
Digital Output Driver Ground.
7
D7 (MSB)
DO
Data Output MSB. ADC DB13 High Byte, ADC DB5 Low Byte.
8
D6
DO
Data Output. ADC DB12 High Byte, ADC DB4 Low Byte.
9
D5
DO
Data Output. ADC DB11 High Byte, ADC DB3 Low Byte.
10
D4
DO
Data Output. ADC DB10 High Byte, ADC DB2 Low Byte.
11
D3
DO
Data Output. ADC DB9 High Byte, ADC DB1 Low Byte.
12
D2
DO
Data Output. ADC DB8 High Byte, ADC DB0 Low Byte.
13
D1
DO
Data Output. ADC DB7 High Byte, Don’t Care Low Byte.
14
D0 (LSB)
DO
Data Output LSB. ADC DB6 High Byte, Don’t Care Low Byte.
15
SDATA
DI/DO
Serial Interface Data Input/Output.
16
SCLK
DI
Serial Interface Clock Input.
17
SLOAD
DI
Serial Interface Load Pulse.
18
AVDD
P
5 V Analog Supply.
19
AVSS
P
Analog Ground.
20
CAPB
AO
ADC Bottom Reference Voltage Decoupling.
21
CAPT
AO
ADC Top Reference Voltage Decoupling.
22
VINB
AI
Analog Input, Blue Channel.
23
CML
AO
Internal Bias Level Decoupling.
24
VING
AI
Analog Input, Green Channel.
25
OFFSET
AO
Clamp Bias Level Decoupling.
26
VINR
AI
Analog Input, Red Channel.
27
AVSS
P
Analog Ground.
28
AVDD
P
5 V Analog Supply.
1 Type: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.


Similar Part No. - AD9822JRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9822JRS AD-AD9822JRS Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
More results

Similar Description - AD9822JRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066 Datasheet
427Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
REV. A
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Texas Instruments
VSP3100 TI1-VSP3100_14 Datasheet
1Mb / 6P
[Old version datasheet]   14-Bit, 10MHz CCD/CIS SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com