Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8304-EVAL Datasheet(PDF) 2 Page - Analog Devices

Part # AD8304-EVAL
Description  160 dB Range (100 pA -10 mA) Logarithmic Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8304-EVAL Datasheet(HTML) 2 Page - Analog Devices

  AD8304-EVAL Datasheet HTML 1Page - Analog Devices AD8304-EVAL Datasheet HTML 2Page - Analog Devices AD8304-EVAL Datasheet HTML 3Page - Analog Devices AD8304-EVAL Datasheet HTML 4Page - Analog Devices AD8304-EVAL Datasheet HTML 5Page - Analog Devices AD8304-EVAL Datasheet HTML 6Page - Analog Devices AD8304-EVAL Datasheet HTML 7Page - Analog Devices AD8304-EVAL Datasheet HTML 8Page - Analog Devices AD8304-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. A
–2–
AD8304–SPECIFICATIONS (V
P = 5 V, VN = 0 V, TA = 25 C, unless otherwise noted.)
Parameter
Conditions
Min
1
Typ
Max
1
Unit
INPUT INTERFACE
Pin 4, INPT; Pin 3 and Pin 5, VSUM
Specified Current Range
Flows toward INPT Pin
100
pA
10
mA
Input Node Voltage
Internally preset; may be altered
0.46
0.5
0.54
V
Temperature Drift
–40
°C < TA < +85°C
0.02
mV/
°C
Input Guard Offset Voltage
VIN – VSUM
–20
+20
mV
PHOTODIODE BIAS
2
Established between Pin 6, VPDB, and Pin 4
Minimum Value
IPD = 100 pA
70
100
mV
Transresistance
200
mV/mA
LOGARITHMIC OUTPUT
Pin 8, VLOG
Slope
Laser-trimmed at 25
°C
196
200
204
mV/dec
0
°C < T
A < 70
°C
194
207
mV/dec
Intercept
Laser-trimmed at 25
°C60
100
140
pA
0
°C < TA < 70°C35
175
pA
Law Conformance Error
10 nA < IPD < 1 mA, Peak Error
0.05
0.25
dB
1 nA < IPD < 1 mA, Peak Error
0.1
0.7
dB
Maximum Output Voltage
1.6
V
Minimum Output Voltage
Limited by VN = 0 V
0.1
V
Output Resistance
Laser-trimmed at 25
°C
4.95
5
5.05
k
REFERENCE OUTPUT
Pin 7, VREF
Voltage WRT Ground
Laser-trimmed at 25
°C
1.98
2
2.02
V
–40
°C < TA < +85°C
1.92
2.08
V
Output Resistance
2
OUTPUT BUFFER
Pin 9, BFIN; Pin 13, BFNG; Pin 11, VOUT
Input Offset Voltage
–20
+20
mV
Input Bias Current
Flowing out of Pin 9 or Pin 13
0.4
µA
Incremental Input Resistance
35
M
Output Range
RL = 1 k
Ω to ground
VP – 0.1
V
Output Resistance
0.5
Wide-Band Noise
3
IPD > 1
µA (see Typical Performance Characteristics)
1
µV/√Hz
Small Signal Bandwidth
3
IPD > 1
µA (see Typical Performance Characteristics)
10
MHz
Slew Rate
0.2 V to 4.8 V output swing
15
V/
µs
POWER-DOWN INPUT
Pin 2, PWDN
Logic Level, HI State
–40
°C < TA < +85°C, 2.7 V < VP < 5.5 V
2
V
Logic Level, LO State
–40
°C < T
A < +85
°C, 2.7 V < V
P < 5.5 V
1
V
POWER SUPPLY
Pin 10 and Pin 12, VPS1 and VPS2; Pin 1, VNEG
Positive Supply Voltage
3.0
5
5.5
V
Quiescent Current
4.5
5.3
mA
In Disabled State
60
µA
Negative Supply Voltage4
|1VP –VN| < 8V
0
–5.5
V
NOTES
1Minimum and maximum specified limits on parameters that are guaranteed but not tested are six sigma values.
2This bias is internally arranged to track the input voltage at INPT; it is not specified relative to ground.
3Output Noise and Incremental Bandwidth are functions of Input Current; see Typical Performance Characteristics.
4Optional
Specifications subject to change without notice.


Similar Part No. - AD8304-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304-EVAL AD-AD8304-EVAL Datasheet
4Mb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
More results

Similar Description - AD8304-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
   160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305 Datasheet
1Mb / 20P
   100 dB Range (10 nA to 1 mA) Logarithmic Converter
REV. A
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
   Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com