Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8174AR-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8174AR-REEL
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8174AR-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8174AR-REEL Datasheet HTML 7Page - Analog Devices AD8174AR-REEL Datasheet HTML 8Page - Analog Devices AD8174AR-REEL Datasheet HTML 9Page - Analog Devices AD8174AR-REEL Datasheet HTML 10Page - Analog Devices AD8174AR-REEL Datasheet HTML 11Page - Analog Devices AD8174AR-REEL Datasheet HTML 12Page - Analog Devices AD8174AR-REEL Datasheet HTML 13Page - Analog Devices AD8174AR-REEL Datasheet HTML 14Page - Analog Devices AD8174AR-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8170/AD8174
–11–
REV. 0
Color Document Scanner
Charge Coupled Devices (CCDs) find widespread use in
scanner applications. A monochrome CCD delivers a serial
stream of voltage levels, each level being proportional to the
light shining on that cell. In the case of the color image scanner
shown, there are three output streams, representing red, green
and blue. Interlaced with the stream of voltage levels is a voltage
representing the reset level (or black level) of each cell. A
Correlated Double Sampler (CDS) subtracts these two voltages
from each other in order to eliminate the relatively large offsets
which are common with CCDs.
The next step in the data acquisition process involves digitizing
the three signal streams. Assuming that the analog to digital
converter chosen has a fast enough sample rate, multiplexing the
three streams into a single ADC is generally more economic
than using one ADC per channel. In the example shown, the
AD8174 is used to multiplex the red, green and blue channels
into the AD876, an 8- or 10-bit 20 MSPS ADC. Because of its
high bandwidth, the AD8174 is capable of driving the switched
capacitor input stage of the AD876 without additional buffering.
In addition to the bandwidth, it is necessary to consider the
settling time of the multiplexer. In this case, the ADC has a
sample rate of 20 MHz which corresponds to a sampling
period of 50 ns. Typically, one phase of the sampling clock is
used for conversion (i.e., all levels are held steady) and the other
phase is used for switching and settling to the next channel.
Assuming a 50% duty cycle, the signal chain must settle within
25 ns. With a settling time to 0.1% of 15 ns, the multiplexer
easily satisfies this criterion.
In the example shown, the fourth (spare) channel of the
AD8174 is used to measure a reference voltage. This voltage
would probably be measured less frequently than the R, G and
B signals. Multiplexing a reference voltage offers the advantage
that any temperature drift effects caused by the multiplexer will
equally impact the reference voltage and the to-be-measured
signals. If the fourth channel is unused, it is good design
practice to tie the input permanently to ground.
AD8174
REFERENCE
R
G
B
A0 A1 SD ENABLE
IN0
IN1
IN2
IN3
1k
(G = +1)
CCD
CDS
CDS
CDS
CONTROL AND TIMING
AD876
8/10-BIT
20MSPS
A/D
VOUT
–VIN
Figure 27. Color Document Scanner
+1
AD8174
+1
+1
+1
2
2
+VS
–VS
GND
GND
1
2
3
4
5
6
78
9
10
11
12
13
14
0.1µF
+5V
10µF
VOUT
549
RT*
+
10µF
0.1µF
75
–5V
IN3
75
IN2
75
IN1
IN0
75
+5V
549
A1
RT*
A0
RT*
A2
+
SD
ENABLE
A1
A0
+1
AD8174
+1
+1
+1
2
2
+VS
–VS
GND
GND
1
2
3
4
5
6
78
9
10
11
12
13
14
0.1µF
+5V
10µF
549
+
10µF
0.1µF
75
–5V
IN7
75
IN6
75
IN5
IN4
75
+5V
549
+
SD
ENABLE
A1
A0
*OPTIONAL
RBT
75
Figure 26. 8-to-1 Multiplexer


Similar Part No. - AD8174AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8174AR-REEL AD-AD8174AR-REEL Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
More results

Similar Description - AD8174AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
logo
M/A-COM Technology Solu...
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com