Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7896BRZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7896BRZ
Description  2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7896BRZ Datasheet(HTML) 2 Page - Analog Devices

  AD7896BRZ Datasheet HTML 1Page - Analog Devices AD7896BRZ Datasheet HTML 2Page - Analog Devices AD7896BRZ Datasheet HTML 3Page - Analog Devices AD7896BRZ Datasheet HTML 4Page - Analog Devices AD7896BRZ Datasheet HTML 5Page - Analog Devices AD7896BRZ Datasheet HTML 6Page - Analog Devices AD7896BRZ Datasheet HTML 7Page - Analog Devices AD7896BRZ Datasheet HTML 8Page - Analog Devices AD7896BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
AD7896–SPECIFICATIONS
(VDD = 2.7 V to 5.5 V, AGND = DGND = 0 V. All specifications TMIN to TMAX,
unless otherwise noted.)
Test Conditions/
Parameter
A Version
1
B Version
J Version
S Version Unit
Comments
DYNAMIC PERFORMANCE
2
Signal-to-(Noise + Distortion) Ratio
3
@ 25
°C70
70
70 typ
70
dB min
fIN = 10 kHz Sine Wave,
fSAMPLE = 100 kHz
TMIN to TMAX
70
dB min
Total Harmonic Distortion (THD)
3
–80 typ
dB max
fIN = 10 kHz Sine Wave,
fSAMPLE = 100 kHz
Peak Harmonic or Spurious Noise
3
–80
–80
–80 typ
dB max
fIN = 10 kHz Sine Wave,
fSAMPLE = 100 kHz
Intermodulation Distortion (IMD)
3
fa = 9 kHz, fb = 9.5 kHz,
fSAMPLE = 100 kHz
Second Order Terms
–80 typ
dB max
Third Order Terms
–80
–80
–80 typ
–80
dB max
DC ACCURACY
Resolution
12
12
12
12
Bits
Minimum Resolution for Which No
Missing Codes Are Guaranteed
12
12
12
12
Bits
Relative Accuracy
3
±1
±1/2
±1
±1LSB max
Differential Nonlinearity
3
±1
±1
±1
±1LSB max
Positive Full-Scale Error
3
±3
±1.5
±3
±3LSB max
Unipolar Offset Error
±4
±4
±5
±4LSB max V
DD = 5 V
± 10%
±4
±3
±5
±4LSB max V
DD = 2.7 V to 3.6 V
ANALOG INPUT
Input Voltage Range
0 to +VDD
0to +VDD
0to +VDD 0 to +VDD V
Input Current
±2
±2
±2
±5
µA max
LOGIC INPUTS
Input High Voltage, VINH
2.0
2.0
2.0
2.0
V min
VDD = 2.7 V to 3.6 V
2.4
2.4
2.4
2.4
VDD = 5 V
± 10%
Input Low Voltage, VINL
0.8
0.8
0.8
0.8
V max
Input Current, IIN
±10
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
2.4
2.4
2.4
V min
ISOURCE = 400 A
Output Low Voltage, VOL
0.4
0.4
0.4
0.4
V max
ISINK = 1.6 mA
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
Mode 1 Operation
8
8
8
8.5
µs max
Mode 2 Operation
5
14
14
14
14.5
µs max
Track-and-Hold Acquisition Time
3
1.5
1.5
1.5
1.5
µs max
Rev. D
77
77
77
77
77
77


Similar Part No. - AD7896BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7896BRZ AD-AD7896BRZ Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7896BRZ-REEL AD-AD7896BRZ-REEL Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7896BRZ-REEL7 AD-AD7896BRZ-REEL7 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com