Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7817ARUZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD7817ARUZ-REEL
Description  Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7817ARUZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7817ARUZ-REEL Datasheet HTML 4Page - Analog Devices AD7817ARUZ-REEL Datasheet HTML 5Page - Analog Devices AD7817ARUZ-REEL Datasheet HTML 6Page - Analog Devices AD7817ARUZ-REEL Datasheet HTML 7Page - Analog Devices AD7817ARUZ-REEL Datasheet HTML 8Page - Analog Devices AD7817ARUZ-REEL Datasheet HTML 9Page - Analog Devices AD7817ARUZ-REEL Datasheet HTML 10Page - Analog Devices AD7817ARUZ-REEL Datasheet HTML 11Page - Analog Devices AD7817ARUZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7817/AD7818
Data Sheet
Rev. D | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
BUSY
OTI
CS
VIN1
REFIN
AGND
CONVST
VIN2
16
15
14
13
12
11
10
9
SCLK
DIN
DOUT
VIN4
VIN3
VDD
DGND
RD/WR
AD7817
TOP VIEW
(Not to Scale)
Figure 4. AD7817 Pin Configuration
Table 4. AD7817 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
CONVST
Logic Input Signal. The convert start signal. A 10-bit analog-to-digital conversion is initiated on the falling edge of this
signal. The falling edge of this signal places track-and-hold in hold mode. Track-and-hold goes into track mode again at
the end of the conversion. The state of the CONVST signal is checked at the end of a conversion. If it is logic low, the
AD7817 powers down. See the Operating Modes section.
2
BUSY
Logic Output. The busy signal is logic high during a temperature or voltage A/D conversion. The signal can be used to
interrupt a microcontroller when a conversion has finished.
3
OTI
Logic Output. The overtemperature indicator (OTI) is set logic low if the result of a conversion on Channel 0
(temperature sensor) is greater that an 8-bit word in the overtemperature register (OTR). The signal is reset at the end
of a serial read operation, that is, a rising RD/WR edge when CS is low.
4
CS
Logic Input Signal. The chip select signal is used to enable the serial port of the AD7817. This is necessary if the AD7817
is sharing the serial bus with more than one device.
5
AGND
Analog Ground. Ground reference for track-and-hold comparator and capacitor DAC.
6
REF
IN
Analog Input. An external 2.5 V reference can be connected to the AD7817 at this pin. To enable the on-chip reference,
tie the REF
IN pin to AGND. If an external reference is connected to the AD7817, the internal reference shuts down.
7
to
10
V
IN1 to VIN4
Analog Input Channels. The AD7817 has four analog input channels. The input channels are single-ended with respect
to AGND (analog ground). The input channels can convert voltage signals in the range 0 V to V
REF. A channel is selected
by writing to the address register of the AD7817. See the Control Byte section.
11
V
DD
Positive Supply Voltage, 2.7 V to 5.5 V.
12
DGND
Digital Ground. Ground reference for digital circuitry.
13
D
OUT
Logic Output with a High Impedance State. Data is clocked out of the AD7817 serial port at this pin. This output goes
into a high impedance state on the falling edge of RD/WR or on the rising edge of the CS signal, whichever occurs first.
14
D
IN
Logic Input. Data is clocked into the AD7817 at this pin.
15
SCLK
Clock Input for the Serial Port. The serial clock is used to clock data into and out of the AD7817. Data is clocked out on
the falling edge and clocked in on the rising edge.
16
RD/WR
Logic Input Signal. The read/write signal is used to indicate to the AD7817 whether the data transfer operation is a read
or a write. Set the RD/WR logic high for a read operation and logic low for a write operation.


Similar Part No. - AD7817ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7817ARU AD-AD7817ARU Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7817ARU-REEL AD-AD7817ARU-REEL Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7817ARU-REEL7 AD-AD7817ARU-REEL7 Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
More results

Similar Description - AD7817ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com