Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLP1000BC200 Datasheet(PDF) 1 Page - Dubilier

Part # CLP1000BC200
Description  CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CLP1000BC200 Datasheet(HTML) 1 Page - Dubilier

  CLP1000BC200 Datasheet HTML 1Page - Dubilier CLP1000BC200 Datasheet HTML 2Page - Dubilier CLP1000BC200 Datasheet HTML 3Page - Dubilier CLP1000BC200 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
65
CAPACITORS
ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
SPECIFICATION
ORDERING INFORMATION
Item
Performance Characteristics
Voltage Range
16~100V
160~450V
Capacitance Range
470~68000µF
47~2700µF
Temperature Range
-40~ +85°C
-25~ +85°C
Capacitance Tolerance
-20~ +20°C (at 20°C, 120Hz)
Leakage Current
1=0.02CV (µA) (After 5 minutes)
Dissipation Factor (tan ∂)
Rated Voltage(v)
16
25
35~50 63~100 160~200 250~450
D.F(%)
40
35
35
20
10*
15
Note * (15%) for case size D L (mm) = 35x20
The Value of D.F(%) is increased by 2% for every addition of 1000µF
Rated Voltage(v)
16
25
35
05-63
80-100
160-400
450
Z(-25°C)/Z(20°C)
5
4
4
3
3
4
8
Z(-40°C)/Z(20°C)
18
15
10
10
10
8
-
Load Life
The following specifications shall be satisfied when the capacitors are
restored to 20°C after the rated voltage applied for 2000 hours at 85°C.
Capacitance Change
Within ± 20% of initial value
D.F. tan ∂
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life
At 85°C no voltage applied after 500 hours the capacitors shall meet the
following limits
Capacitance Change
≤ ± 20% of initial value
Dissipation Factor
≤ 150% of initial specified value
Leakage Current
Not exceed initial specified value
CLP
1000
CF
200
Range
Diameter
A = 22.4mm
B = 25mm
C = 30mm
D = 35.5mm
Capacitance
Height (length)
A = 20mm
B = 25mm
C = 30mm
D = 35mm
E = 40mm
F = 45mm
G = 50mm
Case code
(see below)
Voltage
Two letter case code CF = 30mm dia. x 45mm height.
Very high CV value
Standard snap-in pin style
2000 hour long-life grade
The CLP is a snap-in electrolytic capacitor featuring the very highest
volumetric efficiency ever offered by Dubilier.
The product is suitable for all applications requiring high CV values, and
the high-voltage parts are particularly suited to SMPS units.
www.dubilier.co.uk


Similar Part No. - CLP1000BC200

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLP1000BC200 DUBILIER-CLP1000BC200 Datasheet
165Kb / 4P
   ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
More results

Similar Description - CLP1000BC200

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLP1000CF200 DUBILIER-CLP1000CF200 Datasheet
165Kb / 4P
   ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
DPG47AC400 DUBILIER-DPG47AC400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG47AC400 DUBILIER-DPG47AC400_11 Datasheet
302Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG DUBILIER-DPG Datasheet
302Kb / 4P
   ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
CEBM DUBILIER-CEBM Datasheet
268Kb / 3P
   ALUMINIUM ELECTROLYTIC STANDARD RADIAL
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
logo
List of Unclassifed Man...
056PSM-SI ETC2-056PSM-SI Datasheet
999Kb / 20P
   Aluminum electrolytic capacitors Power Standard Miniature Snap-in
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
01-Jan-2023
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Dubilier
CEBM10016TA DUBILIER-CEBM10016TA Datasheet
229Kb / 3P
   ALUMINIUM ELECTROLYTIC STANDARD RADIAL CEBM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com