Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8826AEHV500Z Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8826AEHV500Z
Description  1.55A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826AEHV500Z Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8826AEHV500Z Datasheet HTML 6Page - Analog Microelectronics AME8826AEHV500Z Datasheet HTML 7Page - Analog Microelectronics AME8826AEHV500Z Datasheet HTML 8Page - Analog Microelectronics AME8826AEHV500Z Datasheet HTML 9Page - Analog Microelectronics AME8826AEHV500Z Datasheet HTML 10Page - Analog Microelectronics AME8826AEHV500Z Datasheet HTML 11Page - Analog Microelectronics AME8826AEHV500Z Datasheet HTML 12Page - Analog Microelectronics AME8826AEHV500Z Datasheet HTML 13Page - Analog Microelectronics AME8826AEHV500Z Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AME
10
1.55A CMOS LDO
AME8826
Rev.D.04
Dropout Voltage VS I
LOAD
Quiescent Current vs. Temperature
Ground Current vs. V
IN
Ground Current vs. Load Current
Dropout Voltage VS V
OUT
Current Limit vs. V
IN
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
2
3
4
5
6
7
8
V
IN (V)
C
IN = 4.7µF
C
OUT = 4.7µF
V
OUT = 1.8V
V
IN (V)
10
15
20
25
30
35
40
45
50
2
3
4
5
6
7
8
I
OUT = 140mA
V
OUT = 1.5V
Temperature (oC)
25
27
29
31
33
35
37
39
41
-45
-5
25
55
85
115
V
OUT (V)
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
I
LOAD=1.5A
I
LOAD=1.0A
I
LOAD=0.5A
I
LOAD (A)
0
0.2
0.4
0.6
0.8
1
1.2
0
0.3
0.6
0.9
1.2
1.5
1.8
1.8
2.0
2.1
2.8
3.3
V
OUT=1.5
Load Current (A)
34.5
35
35.5
36
36.5
37
37.5
38
38.5
0
0.25
0.5
0.75
1
1.25
1.5
V
IN = 2.5V
V
OUT = 1.5V


Similar Part No. - AME8826AEHV500Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826AEHA150 AME-AME8826AEHA150 Datasheet
212Kb / 14P
   1.55A CMOS LDO
AME8826AEHA180 AME-AME8826AEHA180 Datasheet
212Kb / 14P
   1.55A CMOS LDO
AME8826AEHA250 AME-AME8826AEHA250 Datasheet
212Kb / 14P
   1.55A CMOS LDO
AME8826AEHA330 AME-AME8826AEHA330 Datasheet
212Kb / 14P
   1.55A CMOS LDO
AME8826AEHA475 AME-AME8826AEHA475 Datasheet
212Kb / 14P
   1.55A CMOS LDO
More results

Similar Description - AME8826AEHV500Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826 Datasheet
212Kb / 14P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com