Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5290YRMZ50 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5290YRMZ50
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5290YRMZ50 Datasheet HTML 7Page - Analog Devices AD5290YRMZ50 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50 Datasheet HTML 9Page - Analog Devices AD5290YRMZ50 Datasheet HTML 10Page - Analog Devices AD5290YRMZ50 Datasheet HTML 11Page - Analog Devices AD5290YRMZ50 Datasheet HTML 12Page - Analog Devices AD5290YRMZ50 Datasheet HTML 13Page - Analog Devices AD5290YRMZ50 Datasheet HTML 14Page - Analog Devices AD5290YRMZ50 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5290
Rev. C | Page 11 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
0
CODE (Decimal)
256
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
32
64
96
128
160
192
224
VDD = 16.5V
–40
°C
+25
°C
+125
°C
Figure 5. Resistance Step Position Nonlinearity Error vs. Code
1.0
–1.0
0
CODE (Decimal)
256
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
32
64
96
128
160
192
224
VDD = 16.5V
–40
°C
+25
°C
+125
°C
Figure 6. Resistance Step Change Differential Nonlinearity Error vs. Code
1.0
–1.0
0
CODE (Decimal)
256
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
32
64
96
128
160
192
224
VDD = 16.5V
–40
°C
+25
°C
+125
°C
Figure 7. Potentiometer Divider Nonlinearity Error vs. Code
1.0
–1.0
0
CODE (Decimal)
256
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
32
64
96
128
160
192
224
VDD = 16.5V
–40
°C
+25
°C
+125
°C
Figure 8. Potentiometer Divider Differential Nonlinearity Error vs. Code
20
–4
–40
TEMPERATURE (
°C)
16
12
8
4
0
–20
0
20
40
60
80
100
120
IDD @ VDD/VSS = 30V/0V
IDD @ VDD/VSS = ±15V
ISS @ VDD/VSS = 30V/0V
ISS @ VDD/VSS = ±15V
Figure 9. Supply Current IDD vs. Temperature
–40
–20
0
20
40
60
80
100
120
120
100
80
60
40
20
0
TEMPERATURE (
°C)
10k
50k
100k
VDD/VSS = ±15V
Figure 10. Total Resistance vs. Temperature


Similar Part No. - AD5290YRMZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290YRMZ50 AD-AD5290YRMZ50 Datasheet
165Kb / 11P
   Compact 30V/짹15V 256-Position Digital Potentiometer
Rev. PrC
AD5290YRMZ50-RL7 AD-AD5290YRMZ50-RL7 Datasheet
165Kb / 11P
   Compact 30V/짹15V 256-Position Digital Potentiometer
Rev. PrC
More results

Similar Description - AD5290YRMZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290 AD-AD5290 Datasheet
165Kb / 11P
   Compact 30V/짹15V 256-Position Digital Potentiometer
Rev. PrC
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com