Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5160BRJZ50-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5160BRJZ50-R2
Description  256-Position SPI-Compatible Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJZ50-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5160BRJZ50-R2 Datasheet HTML 2Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 3Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 4Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 5Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 6Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 7Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 8Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 9Page - Analog Devices AD5160BRJZ50-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5160
Rev. B | Page 6 of
16
ABSOLUTE MAXIMUM RATINGS
TA = +25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VA, VB, VW to GND
VDD
Maximum Current IMAX1
IWB, IWA Pulsed
±20 mA
IWB, IWA Continuous
5 kΩ, 10 kΩ
4.7 mA
50 kΩ
0.95 mA
100 kΩ
0.48 mA
Digital Inputs and Output Voltage to GND
0 V to +7 V
Temperature
Operating Temperature Range
−40°C to +125°C
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature
−65°C to +150°C
Thermal Resistance (SOT-23 Package)2
θJA Thermal Impedance
206ºC/W
θJC Thermal Impedance
91°C/W
Reflow Soldering (Pb-Free)
Peak Temperature
260°C
Time at Peak Temperature
10 sec to 40 sec
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and applied
voltage across any two of the A, B, and W terminals at a given resistance.
2 Package power dissipation = (TJMAX − TA)/θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5160BRJZ50-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5160BRJZ50-R22 AD-AD5160BRJZ50-R22 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJZ50-R22 AD-AD5160BRJZ50-R22 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results

Similar Description - AD5160BRJZ50-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com