Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7ST86 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7ST86
Description  TinyLogic HST 2-Input Exclusive-OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7ST86 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7ST86 Datasheet HTML 1Page - Fairchild Semiconductor NC7ST86 Datasheet HTML 2Page - Fairchild Semiconductor NC7ST86 Datasheet HTML 3Page - Fairchild Semiconductor NC7ST86 Datasheet HTML 4Page - Fairchild Semiconductor NC7ST86 Datasheet HTML 5Page - Fairchild Semiconductor NC7ST86 Datasheet HTML 6Page - Fairchild Semiconductor NC7ST86 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS012183
www.fairchildsemi.com
February 1997
Revised June 2000
NC7ST86
TinyLogic
 HST 2-Input Exclusive-OR Gate
General Description
The NC7ST86 is a single 2-Input high performance CMOS
Exclusive-OR Gate, with TTL-compatible inputs. Advanced
Silicon Gate CMOS fabrication assures high speed and low
power circuit operation. ESD protection diodes inherently
guard both inputs and outputs with respect to the VCC and
GND rails. High gain circuitry offers high noise immunity
and reduced sensitivity to input edge rate. The TTL-com-
patible inputs facilitate TTL to NMOS/CMOS interfacing.
Device performance is similar to MM74HCT but with ½ the
output current drive of HC/HCT.
Features
s Space saving SOT23 or SC70 5-lead package
s High Speed; tPD <8 ns typ, VCC = 5V, CL = 15 pF
s Low Quiescent Power; ICC <1 µA typ, VCC = 5.5V
s Balanced Output Drive; 2 mA IOL, −2 mA IOH
s TTL-compatible inputs
Ordering Code:
Logic Symbol
IEEE/IEC
Connection Diagram
(Top View)
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
TinyLogic
 is a trademark of Fairchild Semiconductor Corporation.
Order
Package
Product Code
Package Description
Supplied As
Number
Number
Top Mark
NC7ST86M5
MA05B
8S86
5-Lead SOT23, JEDEC MO-178, 1.6mm
250 Units on Tape and Reel
NC7ST86M5X
MA05B
8S86
5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7ST86P5
MAA05A
T86
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
250 Units on Tape and Reel
NC7ST86P5X
MAA05A
T86
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
Pin Names
Descriptions
A, B
Input
Y
Output
Y
= A ⊕ B
Inputs
Output
AB
Y
LLL
LH
H
HL
H
HH
L


Similar Part No. - NC7ST86

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7ST86 FAIRCHILD-NC7ST86 Datasheet
154Kb / 8P
   TinyLogic HST 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7ST86 ONSEMI-NC7ST86 Datasheet
258Kb / 10P
   TinyLogic HST 2-Input Exclusive-OR Gate
Revised August 2004
NC7ST86 ONSEMI-NC7ST86 Datasheet
318Kb / 8P
   TinyLogic HST 2-Input Exclusive-OR Gate
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7ST86L6X FAIRCHILD-NC7ST86L6X Datasheet
154Kb / 8P
   TinyLogic HST 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7ST86L6X ONSEMI-NC7ST86L6X Datasheet
258Kb / 10P
   TinyLogic HST 2-Input Exclusive-OR Gate
Revised August 2004
More results

Similar Description - NC7ST86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7ST86 ONSEMI-NC7ST86 Datasheet
258Kb / 10P
   TinyLogic HST 2-Input Exclusive-OR Gate
Revised August 2004
logo
Fairchild Semiconductor
NC7ST86 FAIRCHILD-NC7ST86_04 Datasheet
154Kb / 8P
   TinyLogic HST 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7ST86 ONSEMI-NC7ST86_V01 Datasheet
318Kb / 8P
   TinyLogic HST 2-Input Exclusive-OR Gate
April, 2022 ??Rev. 3
NC7ST32 ONSEMI-NC7ST32_V01 Datasheet
302Kb / 8P
   TinyLogic HST 2-Input OR Gate
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7ST32 FAIRCHILD-NC7ST32_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input OR Gate
logo
ON Semiconductor
NC7ST32 ONSEMI-NC7ST32 Datasheet
258Kb / 10P
   TinyLogic HST 2-Input OR Gate
Revised August 2004
logo
Fairchild Semiconductor
NC7ST32 FAIRCHILD-NC7ST32 Datasheet
79Kb / 7P
   TinyLogic HST 2-Input OR Gate
NC7SZ86 FAIRCHILD-NC7SZ86_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SP86 ONSEMI-NC7SP86 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input Exclusive OR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP86 FAIRCHILD-NC7SP86_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input Exclusive OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com