Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1674JR Datasheet(PDF) 8 Page - Analog Devices

Part # AD1674JR
Description  12-Bit 100 kSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1674JR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1674JR Datasheet HTML 4Page - Analog Devices AD1674JR Datasheet HTML 5Page - Analog Devices AD1674JR Datasheet HTML 6Page - Analog Devices AD1674JR Datasheet HTML 7Page - Analog Devices AD1674JR Datasheet HTML 8Page - Analog Devices AD1674JR Datasheet HTML 9Page - Analog Devices AD1674JR Datasheet HTML 10Page - Analog Devices AD1674JR Datasheet HTML 11Page - Analog Devices AD1674JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD1674
REV. C
–8–
DEFINITION OF SPECIFICATIONS
INTEGRAL NONLINEARITY (INL)
The ideal transfer function for an ADC is a straight line drawn
between “zero” and “full scale.” The point used as “zero”
occurs 1/2 LSB before the first code transition. “Full scale” is
defined as a level 1 1/2 LSB beyond the last code transition.
Integral nonlinearity is the worst-case deviation of a code from
the straight line. The deviation of each code is measured from
the middle of that code.
DIFFERENTIAL NONLINEARITY (DNL)
A specification which guarantees no missing codes requires that
every code combination appear in a monotonic increasing
sequence as the analog input level is increased. Thus every code
must have a finite width. The AD1674 guarantees no missing
codes to 12-bit resolution; all 4096 codes are present over the
entire operating range.
UNIPOLAR OFFSET
The first transition should occur at a level 1/2 LSB above ana-
log common. Unipolar offset is defined as the deviation of the
actual transition from that point at 25
°C. This offset can be
adjusted as shown in Figure 11.
BIPOLAR OFFSET
In the bipolar mode the major carry transition (0111 1111 1111
to 1000 0000 0000) should occur for an analog value 1/2 LSB
below analog common. The bipolar offset error specifies the
deviation of the actual transition from that point at 25
°C. This
offset can be adjusted as shown in Figure 12.
FULL-SCALE ERROR
The last transition (from 1111 1111 1110 to 1111 1111 1111)
should occur for an analog value 1 1/2 LSB below the nominal
full scale (9.9963 volts for 10 volts full scale). The full-scale
error is the deviation of the actual level of the last transition
from the ideal level at 25
°C. The full-scale error can be adjusted
to zero as shown in Figures 11 and 12.
TEMPERATURE DRIFT
The temperature drifts for full-scale error, unipolar offset and
bipolar offset specify the maximum change from the initial
(25
°C) value to the value at T
MIN or TMAX.
POWER SUPPLY REJECTION
The effect of power supply error on the performance of the
device will be a small change in full scale. The specifications
show the maximum full-scale change from the initial value with
the supplies at various limits.
FREQUENCY-DOMAIN TESTING
The AD1674 is tested dynamically using a sine wave input and
a 2048 point Fast Fourier Transform (FFT) to analyze the
resulting output. Coherent sampling is used, wherein the ADC
sampling frequency and the analog input frequency are related
to each other by a ratio of integers. This ensures that an integral
multiple of input cycles is captured, allowing direct FFT pro-
cessing without windowing or digital filtering which could mask
some of the dynamic characteristics of the device. In addition,
the frequencies are chosen to he “relatively prime” (no common
factors) to maximize the number of different ADC codes that
are present in a sample sequence. The result, called Prime
Coherent Sampling, is a highly accurate and repeatable measure
of the actual frequency-domain response of the converter.
NYQUIST FREQUENCY
An implication of the Nyquist sampling theorem, the “Nyquist
Frequency” of a converter is that input frequency which is one-
half the sampling frequency of the converter.
SIGNAL-TO-NOISE AND DISTORTION (S/N+D) RATIO
S/(N+D) is the ratio of the rms value of the measured input sig-
nal to the rms sum of all other spectral components below the
Nyquist frequency, including harmonics but excluding dc. The
value for S/(N+D) is expressed in decibels.
TOTAL HARMONIC DISTORTION (THD)
THD is the ratio of the rms sum of the first six harmonic com-
ponents to the rms value of a full-scale input signal and is ex-
pressed as a percentage or in decibels. For input signals or
harmonics that are above the Nyquist frequency, the aliased
component is used.
INTERMODULATION DISTORTION (IMD)
With inputs consisting of sine waves at two frequencies, fa and
fb, any device with nonlinearities will create distortion products,
of order (m+n), at sum and difference frequencies of mfa
± nfb,
where m, n = 0, 1, 2, 3. . . . Intermodulation terms are those for
which m or n is not equal to zero. For example, the second
order terms are (fa + fb) and (fa – fb) and the third order terms
are (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb). The IMD
products are expressed as the decibel ratio of the rms sum of the
measured input signals to the rms sum of the distortion terms.
The two signals are of equal amplitude and the peak value of
their sums is –0.5 dB from full scale. The IMD products are
normalized to a 0 dB input signal.
FULL-POWER BANDWIDTH
The full-power bandwidth is that input frequency at which the
amplitude of the reconstructed fundamental is reduced by 3 dB
for a full-scale input.
FULL-LINEAR BANDWIDTH
The full-linear bandwidth is the input frequency at which the
slew rate limit of the sample-hold-amplifier (SHA) is reached.
At this point, the amplitude of the reconstructed fundamental
has degraded by less than –0.1 dB. Beyond this frequency, dis-
tortion of the sampled input signal increases significantly.
APERTURE DELAY
Aperture delay is a measure of the SHA’s performance and is
measured from the falling edge of Read/Convert (R/C) to when
the input signal is held for conversion.
APERTURE JITTER
Aperture jitter is the variation in aperture delay for successive
samples and is manifested as noise on the input to the A/D.


Similar Part No. - AD1674JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1674JR AD-AD1674JR Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JR AD-AD1674JR Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JR AD-AD1674JR Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JR AD-AD1674JR Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
AD1674JRZ-REEL AD-AD1674JRZ-REEL Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
More results

Similar Description - AD1674JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
AD1674JRZ-REEL AD-AD1674JRZ-REEL Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JNZ AD-AD1674JNZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com