Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7ST00M5X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7ST00M5X
Description  TinyLogic HST 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7ST00M5X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7ST00M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7ST00M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7ST00M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7ST00M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7ST00M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7ST00M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7ST00M5X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur. The databook specifications should be met,
without exception, to ensure that the design is reliable over its power sup-
ply, temperature, and output/input loading variables Fairchild does not rec-
ommend operation of circuits outside the databook specifications.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (lIK)
VIN < −0.5V
−20 mA
VIN ≥ VCC + 0.5V
+20 mA
DC Input Voltage VIN
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VOUT < −0.5V
−20 mA
VOUT > VCC +0.5V
+20 mA
Output Voltage (VOUT)
−0.5V to V
CC + 0.5V
DC Output Source or
Sink Current (IOUT)
±12.5 mA
DC VCC or Ground Current per
Supply Pin (ICC or IGND)
±25 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ)
150
°C
Lead Temperature (TL);
(Soldering, 10 seconds)
260
°C
Power Dissipation (PD) @ +85°C
SOT23-5
200 mW
SC70-5
150 mW
Supply Voltage
4.5V–5.5V
Input Voltage (VIN)0.0V–VCC
Output Voltage (VOUT)0V–VCC
Operating Temperature (TA)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC = 5.0V
0–500 ns
Thermal Resistance (
θ
JA)
SOT23-5
300
°C/W
SC70-5
425
°C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
TypMax
MinMax
VIH
HIGH Level Input Voltage
4.5–5.5
2.0
2.0
V
VIL
LOW Level Input Voltage
4.5–5.5
0.8
0.8
V
VOH
HIGH Level Output Voltage
4.5
4.4
4.5
4.4
V
IOH = −20 µA
4.5
4.18
4.35
4.13
IOH = −2 mA
VIN = VIL
VOL
LOW Level Output Voltage
4.5
0
0.1
0.1
V
IOL = 20 µA
4.5
0.10
0.26
0.33
IOL = 2 mA
VIN = VIH
IIN
Input Leakage Current
5.5
±0.1
±1.0
µA0 ≤ V
IN ≤ 5.5V
ICC
Quiescent Supply Current
5.5
1.0
10.0
µAV
IN = VCC or GND
ICCT
ICC per Input
5.5
2.0
2.9
mA
One input VIN = 0.5V or 2.4V,
other input VCC or GND


Similar Part No. - NC7ST00M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7ST00M5X FAIRCHILD-NC7ST00M5X Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NAND Gate
logo
ON Semiconductor
NC7ST00M5X ONSEMI-NC7ST00M5X Datasheet
258Kb / 10P
   TinyLogic HST 2-Input NAND Gate
Revised August 2004
NC7ST00M5X ONSEMI-NC7ST00M5X Datasheet
300Kb / 8P
   TinyLogic HST 2-Input NAND Gate
April, 2022 ??Rev. 4
More results

Similar Description - NC7ST00M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7ST00 FAIRCHILD-NC7ST00_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NAND Gate
logo
ON Semiconductor
NC7ST00 ONSEMI-NC7ST00_V01 Datasheet
300Kb / 8P
   TinyLogic HST 2-Input NAND Gate
April, 2022 ??Rev. 4
NC7ST00 ONSEMI-NC7ST00 Datasheet
258Kb / 10P
   TinyLogic HST 2-Input NAND Gate
Revised August 2004
NC7ST08 ONSEMI-NC7ST08 Datasheet
527Kb / 11P
   TinyLogic HST 2-Input AND Gate
Revised August 2004
logo
Fairchild Semiconductor
NC7ST02 FAIRCHILD-NC7ST02_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NOR Gate
NC7ST08 FAIRCHILD-NC7ST08 Datasheet
78Kb / 7P
   TinyLogic HST 2-Input AND Gate
logo
ON Semiconductor
NC7ST32 ONSEMI-NC7ST32_V01 Datasheet
302Kb / 8P
   TinyLogic HST 2-Input OR Gate
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7ST02 FAIRCHILD-NC7ST02 Datasheet
78Kb / 7P
   TinyLogic HST 2-Input NOR Gate
NC7ST08 FAIRCHILD-NC7ST08_04 Datasheet
152Kb / 8P
   TinyLogic HST 2-Input AND Gate
NC7ST32 FAIRCHILD-NC7ST32_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com