Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD824ARZ-14-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD824ARZ-14-REEL7
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824ARZ-14-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD824ARZ-14-REEL7 Datasheet HTML 7Page - Analog Devices AD824ARZ-14-REEL7 Datasheet HTML 8Page - Analog Devices AD824ARZ-14-REEL7 Datasheet HTML 9Page - Analog Devices AD824ARZ-14-REEL7 Datasheet HTML 10Page - Analog Devices AD824ARZ-14-REEL7 Datasheet HTML 11Page - Analog Devices AD824ARZ-14-REEL7 Datasheet HTML 12Page - Analog Devices AD824ARZ-14-REEL7 Datasheet HTML 13Page - Analog Devices AD824ARZ-14-REEL7 Datasheet HTML 14Page - Analog Devices AD824ARZ-14-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. C
AD824
–11–
A current-limiting resistor should be used in series with the
input of the AD824 if there is a possibility of the input voltage
exceeding the positive supply by more than 300 mV or if an
input voltage will be applied to the AD824 when
±VS = 0. The
amplifier will be damaged if left in that condition for more than
10 seconds. A 1 k
W resistor allows the amplifier to withstand up
to 10 V of continuous overvoltage and increases the input volt-
age noise by a negligible amount.
Input voltages less than –VS are a completely different story.
The amplifier can safely withstand input voltages 20 V below
the minus supply voltage as long as the total voltage from the
positive supply to the input terminal is less than 36 V. In addition,
the input stage typically maintains picoamp level input currents
across that input voltage range.
OUTPUT CHARACTERISTICS
The AD824’s unique bipolar rail-to-rail output stage swings
within 15 mV of the positive and negative supply voltages. The
AD824’s approximate output saturation resistance is 100
W for
both sourcing and sinking. This can be used to estimate output
saturation voltage when driving heavier current loads. For
instance, the saturation voltage will be 0.5 V from either supply
with a 5 mA current load.
For load resistances over 20 k
W, the AD824’s input error
voltage is virtually unchanged until the output voltage is driven
to 180 mV of either supply.
If the AD824’s output is overdriven so as to saturate either of
the output devices, the amplifier will recover within 2
ms of its
input returning to the amplifier’s linear operating region.
Direct capacitive loads will interact with the amplifier’s effective
output impedance to form an additional pole in the amplifier’s
feedback loop, which can cause excessive peaking on the pulse
response or loss of stability. Worst case is when the amplifier is
used as a unity gain follower. TPC 4 and 6 show the AD824’s
pulse response as a unity gain follower driving 220 pF. Configu-
rations with less loop gain, and as a result less loop bandwidth,
will be much less sensitive to capacitance load effects. Noise
gain is the inverse of the feedback attenuation factor provided
by the feedback network in use.
Figure 3 shows a method for extending capacitance load drive
capability for a unity gain follower. With these component val-
ues, the circuit will drive 5,000 pF with a 10% overshoot.
VOUT
VIN
1/4
AD824
–VS
+VS
20k
20pF
0.01 F
0.01 F
8
4
100
CL
Figure 3. Extending Unity Gain Follower Capacitive Load
Capability Beyond 350 pF
APPLICATION NOTES
INPUT CHARACTERISTICS
In the AD824, n-channel JFETs are used to provide a low
offset, low noise, high impedance input stage. Minimum input
common-mode voltage extends from 0.2 V below –VS to 1 V less
than +VS. Driving the input voltage closer to the positive rail will
cause a loss of amplifier bandwidth.
The AD824 does not exhibit phase reversal for input voltages
up to and including +VS. Figure 2a shows the response of an
AD824 voltage follower to a 0 V to 5 V (+VS) square wave input.
The input and output are superimposed. The output tracks the
input up to +VS without phase reversal. The reduced bandwidth
above a 4 V input causes the rounding of the output wave form.
For input voltages greater than +VS, a resistor in series with
the AD824’s noninverting input will prevent phase reversal at
the expense of greater input voltage noise. This is illustrated in
Figure 2b.
10
0%
100
90
1V
1V
10µs
1V
10
0%
100
90
1V
2µs
1V
GND
GND
+VS
+5V
RP
VOUT
VIN
Figure 2. (a) Response with RP = 0; VIN from 0 to +VS
(b) VIN = 0 to + VS + 200 m V
VOUT = 0 to + VS
RP = 49.9 k
W
Since the input stage uses n-channel JFETs, input current
during normal operation is positive; the current flows out from
the input terminals. If the input voltage is driven more positive
than +VS – 0.4 V, the input current will reverse direction as
internal device junctions become forward biased. This is
illustrated in TPC 8.
(b)
(a)


Similar Part No. - AD824ARZ-14-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results

Similar Description - AD824ARZ-14-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com