Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHQ1005P0N6JT Datasheet(PDF) 7 Page - TDK Electronics

Part # MHQ1005P0N6JT
Description  Inductors for High Frequency Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ1005P0N6JT Datasheet(HTML) 7 Page - TDK Electronics

Back Button MHQ1005P0N6JT Datasheet HTML 3Page - TDK Electronics MHQ1005P0N6JT Datasheet HTML 4Page - TDK Electronics MHQ1005P0N6JT Datasheet HTML 5Page - TDK Electronics MHQ1005P0N6JT Datasheet HTML 6Page - TDK Electronics MHQ1005P0N6JT Datasheet HTML 7Page - TDK Electronics MHQ1005P0N6JT Datasheet HTML 8Page - TDK Electronics MHQ1005P0N6JT Datasheet HTML 9Page - TDK Electronics MHQ1005P0N6JT Datasheet HTML 10Page - TDK Electronics MHQ1005P0N6JT Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
(7/17)
INDUC
T
O
RS
001-01 / 20130929 / inductor_high-frequency_mhq_en.fm
• All specifications are subject to change without notice.
MHQ-Pseries 
MHQ0603P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " △ " of the Part Number contains the inductance tolerance code, B(±0.1nH), C(±0.2nH), S(±0.3nH), G(±2%), H(±3%)or J(±5%).
The " □□□ " of the Part Number contains the internal code.
Short bar residual inductance =0.556nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
(MHz)
Q
min.
Q measuring
frequency
(MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
: )
Rated current
(mA)
max.
Part No.*
(nH)
Tolerance
min.
typ.
max.
typ.
6.8
±3%, ±5%
500
16
500
4.0
6.8
0.70
0.53
300
MHQ0603P6N8
△T□□□
7.5
±3%, ±5%
500
16
500
3.8
5.7
0.50
0.37
300
MHQ0603P7N5
△T□□□
8.2
±3%, ±5%
500
16
500
3.8
5.4
0.90
0.64
250
MHQ0603P8N2
△T□□□
9.1
±3%, ±5%
500
16
500
3.8
5.5
0.90
0.62
250
MHQ0603P9N1
△T□□□
10
±3%, ±5%
500
16
500
3.5
5.2
1.20
0.86
240
MHQ0603P10N
△T□□□
11
±3%, ±5%
500
16
500
3.2
4.6
1.30
0.89
240
MHQ0603P11N
△T□□□
12
±3%, ±5%
500
16
500
3.2
4.6
1.40
0.77
240
MHQ0603P12N
△T□□□
13
±3%, ±5%
500
16
500
3.2
4.5
1.50
1.01
180
MHQ0603P13N
△T□□□
15
±3%, ±5%
500
16
500
2.8
4.2
1.50
1.05
180
MHQ0603P15N
△T□□□
16
±3%, ±5%
500
16
500
2.5
4.0
1.70
1.21
180
MHQ0603P16N
△T□□□
18
±3%, ±5%
500
16
500
2.4
3.7
1.70
1.21
180
MHQ0603P18N
△T□□□
20
±3%, ±5%
500
16
500
2.4
3.5
2.00
1.38
160
MHQ0603P20N
△T□□□
22
±3%, ±5%
500
16
500
2.2
3.3
2.00
1.40
160
MHQ0603P22N
△T□□□
24
±3%, ±5%
500
16
500
2.1
3.1
2.20
1.55
160
MHQ0603P24N
△T□□□
27
±3%, ±5%
500
16
500
2.0
2.9
2.20
1.55
160
MHQ0603P27N
△T□□□
30
±3%, ±5%
500
16
500
1.9
2.7
2.70
1.98
160
MHQ0603P30N
△T□□□
33
±3%, ±5%
300
14
300
1.8
2.5
2.80
2.06
160
MHQ0603P33N
△T□□□
36
±3%, ±5%
300
14
300
1.7
2.4
2.80
2.08
160
MHQ0603P36N
△T□□□
39
±3%, ±5%
300
14
300
1.6
2.3
3.00
2.24
160
MHQ0603P39N
△T□□□
Measurement item
Product No.
Manufacturer
L, Q
4991A+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ1005P0N6JT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000_17 Datasheet
149Kb / 3P
   Inductors (Coils)
MHQ1005P0N7BTD25 TDK-MHQ1005P0N7BTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BTD25 TDK-MHQ1005P0N7BTD25_17 Datasheet
149Kb / 3P
   Inductors (Coils)
MHQ1005P0N7CT000 TDK-MHQ1005P0N7CT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
More results

Similar Description - MHQ1005P0N6JT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
334Kb / 43P
   Inductors for High Frequency Circuits
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com