Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP77FZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP77FZ
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77FZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP77FZ Datasheet HTML 7Page - Analog Devices OP77FZ Datasheet HTML 8Page - Analog Devices OP77FZ Datasheet HTML 9Page - Analog Devices OP77FZ Datasheet HTML 10Page - Analog Devices OP77FZ Datasheet HTML 11Page - Analog Devices OP77FZ Datasheet HTML 12Page - Analog Devices OP77FZ Datasheet HTML 13Page - Analog Devices OP77FZ Datasheet HTML 14Page - Analog Devices OP77FZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP77
Rev. E | Page 11 of 16
APPLICATIONS
OP77E
R2
1M
R4
1M
+15V
–15V
R1
1k
R3
1k
7
6
4
2
3
0.1µF
0.1µF
Figure 27. Precision High-Gain Differential Amplifier
The high gain, gain linearity, CMRR, and low TCVOS of the
OP77 make it possible to obtain performance not previously
available in single-stage, very high-gain amplifier applications.
For best CMR,
2
R
1
R
must equal
4
R
3
R
. In this example, with a
10 mV differential signal, the maximum errors are as listed in
Table 7.
Table 7. Maximum Errors
Type
Amount
Common-Mode Voltage
0.01%/V
Gain Linearity, Worst Case
0.02%
TCVOS
0.003%/°C
TCIOS
0.008%/°C
+15V
–15V
RS
RF
100
7
6
4
2
3
0.1µF
0.1µF
10µF
OUTPUT
INPUT
CLOAD
OP77
Figure 28. Isolating Large Capacitive Loads
This circuit reduces maximum slew rate but allows driving
capacitive loads of any size without instability. Because the boon
resistor is inside the feedback loop, its effect on output
impedance is reduced to insignificance by the high open-loop
gain of the OP77.
R1
100k
R3
1k
R4
990
R5
10
6
2
3
VIN
IOUT < 15mA
R2
100k
OP77
Figure 29. Basic Current Source
R1
R3
+15V
–15V
R4
R5
6
2N2222
2N2907
2
3
VIN
R2
OP77
IOUT = VIN
(
)
GIVEN R3 = R4 + R5, R1 = R2
R3
R1 – R5
IOUT < 100mA
Figure 30. 100 mA Current Source
These current sources can supply both positive and negative
current into a grounded load.
Note that
1
R
3
R
2
R
4
R
5
R
2
R
4
R
5
R
Z
O
+
+
=
1
And that for ZO to be infinite
2
R
4
R
5
R +
must =
1
R
3
R


Similar Part No. - OP77FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77FZ AD-OP77FZ Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77FZ AD-OP77FZ Datasheet
317Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP77FZ AD-OP77FZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77FZ AD-OP77FZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
More results

Similar Description - OP77FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
OP77 AD-OP77_02 Datasheet
317Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com