Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-88565012A Datasheet(PDF) 4 Page - Analog Devices

Part # 5962-88565012A
Description  Very Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-88565012A Datasheet(HTML) 4 Page - Analog Devices

  5962-88565012A Datasheet HTML 1Page - Analog Devices 5962-88565012A Datasheet HTML 2Page - Analog Devices 5962-88565012A Datasheet HTML 3Page - Analog Devices 5962-88565012A Datasheet HTML 4Page - Analog Devices 5962-88565012A Datasheet HTML 5Page - Analog Devices 5962-88565012A Datasheet HTML 6Page - Analog Devices 5962-88565012A Datasheet HTML 7Page - Analog Devices 5962-88565012A Datasheet HTML 8Page - Analog Devices 5962-88565012A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
OP470–SPECIFICATIONS
OP470GBC
Parameter
Symbol
Conditions
Limit
Unit
INPUT OFFSET VOLTAGE
VOS
0.8
mV Max
INPUT OFFSET CURRENT
IOS
VCM = 0 V
20
nA Max
INPUT BIAS CURRENT
IB
VCM = 0 V
50
nA Min
LARGE-SIGNAL
VO =
±10 V
Voltage Gain
AVO
RL = 10 k
W
800
V/mV Min
RL = 2 k
W
400
INPUT VOLTAGE RANGE*
IVR
±11
V Min
OUTPUT VOLTAGE SWING
VO
RL
≥ 2 kW±12
V Min
COMMON-MODE
REJECTION
CMR
VCM =
±11 V
100
dB
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±4.5 V to ±18 V
5.6
mV/V Max
SUPPLY CURRENT
(All Amplifiers)
ISY
No Load
11
mA Max
NOTE
*
Guaranteed by CMR test
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaran-
teed for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
(at VS =
15 V, 25 C, unless otherwise noted.)
WAFER TEST LIMITS


Similar Part No. - 5962-88565012A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
More results

Similar Description - 5962-88565012A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP470AY AD-OP470AY Datasheet
771Kb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
logo
Intersil Corporation
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com