Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8816CEHA150Z Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8816CEHA150Z
Description  1.5A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816CEHA150Z Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8816CEHA150Z Datasheet HTML 1Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 2Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 3Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 4Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 5Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 6Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 7Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 8Page - Analog Microelectronics AME8816CEHA150Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AME
4
1.5A CMOS LDO
AME8816
Rev. H.04
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8816 x x x x xxx x
Output Voltage
A
1. EN
D: TO-263
A: 8
ADJ: Adjustable
Z: Lead Free
(TO-263-5)
2. IN
H: SOP
V: 5
120: V=1.2V
3. GND
150: V=1.5V
4. OUT
180: V=1.8V
5. BYP
250: V=2.5V
330: V=3.3V
B
1. EN
475: V=4.75V
(TO-263-5)
2. IN
500: V=5.0V
3. GND
4. OUT
5. ADJ
A
1. BYP
(SOP-8)
2. GND
3. GND
4. EN
5. IN
6. GND
7. GND
8. OUT
B
1. ADJ
(SOP-8)
2. GND
3. GND
4. EN
5. IN
6. GND
7. GND
8. OUT
C
1. EN
(SOP-8)
2. IN
3. OUT
4. ADJ
5. GND
6. GND
7. GND
8. GND
Special Feature
Output Voltage
Package Type
Number
of
Pins
-40
OC to +85OC
E:
Pin
Configuration
Operating Ambient
Temperature
Range


Similar Part No. - AME8816CEHA150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816CEHAADJ AME-AME8816CEHAADJ Datasheet
112Kb / 14P
   1.5A CMOS LDO
More results

Similar Description - AME8816CEHA150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com