Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8826CEDA150Z Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8826CEDA150Z
Description  1.55A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826CEDA150Z Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8826CEDA150Z Datasheet HTML 1Page - Analog Microelectronics AME8826CEDA150Z Datasheet HTML 2Page - Analog Microelectronics AME8826CEDA150Z Datasheet HTML 3Page - Analog Microelectronics AME8826CEDA150Z Datasheet HTML 4Page - Analog Microelectronics AME8826CEDA150Z Datasheet HTML 5Page - Analog Microelectronics AME8826CEDA150Z Datasheet HTML 6Page - Analog Microelectronics AME8826CEDA150Z Datasheet HTML 7Page - Analog Microelectronics AME8826CEDA150Z Datasheet HTML 8Page - Analog Microelectronics AME8826CEDA150Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AME
5
AME8826
1.55A CMOS LDO
Rev.D.04
n Ordering Information (contd.)
Note: yyww represents the date code
* A line on top of the first letter represents lead free plating such as AME8826
Please consult AME sales office or authorized Rep./Distributor for output voltage and package type availability.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8826AEDV150
AME8826
AEDV150
yyww
1.50
TO-263-5
- 40
oC to +85oC
AME8826AEDV150Z
AME8826
AEDV150
yyww
1.50
TO-263-5
- 40
oC to +85oC
AME8826AEDV180
AME8826
AEDV180
yyww
1.80
TO-263-5
- 40
oC to +85oC
AME8826AEDV180Z
AME8826
AEDV180
yyww
1.80
TO-263-5
- 40
oC to +85oC
AME8826AEDV250Z
AME8826
AEDV250
yyww
2.50
TO-263-5
- 40
oC to +85oC
AME8826AEDV330Z
AME8826
AEDV330
yyww
3.30
TO-263-5
- 40
oC to +85oC
AME8826AEDV475Z
AME8826
AEDV475
yyww
4.75
TO-263-5
- 40
oC to +85oC
AME8826AEDV500Z
AME8826
AEDV500
yyww
5.00
TO-263-5
- 40
oC to +85oC
AME8826BEDVADJ
AME8826
BEDVADJ
yyww
ADJ
TO-263-5
- 40
oC to +85oC
AME8826BEDVADJZ
AME8826
BEDVADJ
yyww
ADJ
TO-263-5
- 40
oC to +85oC


Similar Part No. - AME8826CEDA150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826CEHAADJ AME-AME8826CEHAADJ Datasheet
212Kb / 14P
   1.55A CMOS LDO
More results

Similar Description - AME8826CEDA150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826 Datasheet
212Kb / 14P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com