Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP57P6X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SP57P6X
Description  TinyLogic. ULP Universal Configurable 2-Input Logic Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP57P6X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NC7SP57P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP57P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP57P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP57P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP57P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP57P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP57P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP57P6X Datasheet HTML 9Page - Fairchild Semiconductor NC7SP57P6X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VOH
HIGH Level
0.90
VCC − 0.1
VCC − 0.1
V
IOH = −20 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
VCC − 0.1
VCC − 0.1
1.40
≤ V
CC ≤ 1.60
VCC − 0.1
VCC − 0.1
1.65
≤ V
CC ≤ 1.95
VCC − 0.1
VCC − 0.1
2.30
≤ V
CC ≤ 2.70
VCC − 0.1
VCC − 0.1
3.00
≤ V
CC ≤ 3.60
VCC − 0.1
VCC − 0.1
1.10
≤ V
CC ≤ 1.30
0.75 x VCC
0.70 x VCC
IOH = −0.5 mA
1.40
≤ V
CC ≤ 1.60
1.07
0.99
IOH = −1 mA
1.65
≤ V
CC ≤ 1.95
1.24
1.22
IOH = −1.5 mA
2.30
≤ V
CC ≤ 2.70
1.95
1.87
IOH = −2.1 mA
3.00
≤ V
CC ≤ 3.60
2.61
2.55
IOH = −2.6 mA
VOL
LOW Level
0.90
0.1
0.1
V
IOL = 20 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
0.1
0.1
1.40
≤ V
CC ≤ 1.60
0.1
0.1
1.65
≤ V
CC ≤ 1.95
0.1
0.1
2.30
≤ V
CC ≤ 2.70
0.1
0.1
3.00
≤ V
CC ≤ 3.60
0.1
0.1
1.10
≤ V
CC ≤ 1.30
0.30 x VCC
0.30 x VCC
IOL = 0.5 mA
1.40
≤ V
CC ≤ 1.60
0.31
0.37
IOL = 1 mA
1.65
≤ V
CC ≤ 1.95
0.31
0.35
IOL = 1.5 mA
2.30
≤ V
CC ≤ 2.70
0.31
0.33
IOL = 2.1 mA
3.00
≤ V
CC ≤ 3.60
0.31
0.33
IOL = 2.6 mA
IIN
Input Leakage Current
0.90 to 3.60
±0.1
±0.9
µA0 ≤ V
I ≤ 3.6V
IOFF
Power Off Leakage Current
0
1
5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.5
5.0
µAV
I = VCC or GND
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPHL,
Propagation Delay
0.90
40
ns
Figures
11, 12
tPLH
1.10
≤ V
CC ≤ 1.30
5.5
14
28.0
5.0
51.0
1.40
≤ V
CC ≤ 1.60
4.5
10
17.0
4.0
21.0
CL = 10 pF
1.65
≤ V
CC ≤ 1.95
3.5
8
14.0
3.0
17.0
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
2.5
6
10.0
2.0
13.0
3.00
≤ V
CC ≤ 3.60
1.5
5
8.0
1.0
12.0
tPHL,
Propagation Delay
0.90
41
ns
Figures
11, 12
tPLH
1.10
≤ V
CC ≤ 1.30
6.5
15
29.0
6.0
52.0
1.40
≤ V
CC ≤ 1.60
5.0
10
18.0
4.5
22.0
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
4.0
8
15.0
3.5
18.0
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
3.0
6
11.0
2.5
14.0
3.00
≤ V
CC ≤ 3.60
2.0
5
9.0
1.5
12.0
tPHL,
Propagation Delay
0.90
46
ns
Figures
11, 12
tPLH
1.10
≤ V
CC ≤ 1.30
7.0
17
32.0
6.5
55.0
1.40
≤ V
CC ≤ 1.60
5.5
11
20.0
5.0
24.0
CL = 30 pF
1.65
≤ V
CC ≤ 1.95
4.5
9
17.0
4.0
20.0
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
3.5
7
12.0
3.0
15.0
3.00
≤ V
CC ≤ 3.60
2.5
6
11.0
2.0
14.0
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.0
pF
CPD
Power Dissipation
0.9 to 3.60
8
pF
VI = 0V or VCC,
Capacitance
f
= 10 MHz


Similar Part No. - NC7SP57P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57P6X FAIRCHILD-NC7SP57P6X Datasheet
181Kb / 11P
   TinyLogic ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57P6X ONSEMI-NC7SP57P6X Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
NC7SP57P6X ONSEMI-NC7SP57P6X Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
More results

Similar Description - NC7SP57P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57_04 Datasheet
181Kb / 11P
   TinyLogic ULP Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57 Datasheet
194Kb / 11P
   TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57_V01 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
NC7SV57 ONSEMI-NC7SV57_V01 Datasheet
376Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
NC7SV57 ONSEMI-NC7SV57 Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_05 Datasheet
175Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
logo
Fairchild Semiconductor
NC7SV57 FAIRCHILD-NC7SV57_10 Datasheet
633Kb / 14P
   TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com