Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8826 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8826
Description  1.55A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8826_08 Datasheet HTML 1Page - Analog Microelectronics AME8826_08 Datasheet HTML 2Page - Analog Microelectronics AME8826_08 Datasheet HTML 3Page - Analog Microelectronics AME8826_08 Datasheet HTML 4Page - Analog Microelectronics AME8826_08 Datasheet HTML 5Page - Analog Microelectronics AME8826_08 Datasheet HTML 6Page - Analog Microelectronics AME8826_08 Datasheet HTML 7Page - Analog Microelectronics AME8826_08 Datasheet HTML 8Page - Analog Microelectronics AME8826_08 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AME
1
AME8826
1.55A CMOS LDO
Rev.D.04
n Typical Application
n Functional Block Diagram
(Fixed Versions)
l Very Low Dropout Voltage
l Guaranteed 1.55A Output
l Accurate to within 1.5%
l 45
µA Quiescent Current Typically
l Over-Temperature Shutdown
l Current Limiting
l Noise Reduction Bypass Capacitor (Fixed
Versions)
l Power-Saving Shutdown Mode
l Low Temperature Coefficient
l Adjustable Version
The AME8826 family of positive, linear regulators fea-
ture low quiescent current (45
µA typ.) with low dropout
voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to
1.5% accuracy.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" operating conditions.
In applications requiring a low noise, regulated supply,
place a 1000pF capacitor between Bypass and Ground.
The AME8826 is stable with an output capacitance of
4.7
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l PC Peripherals
l Battery Powered Widgets
n General Description
n Features
n Applications
(Adjustable Version)
Overcurrent
Shutdown
Thermal
Shutdown
AMP
GND
OUT
IN
R1
R2
1.242V
EN
BYPASS
(external)
(external)
Overcurrent
Shutdown
Thermal
Shutdown
AMP
IN
1.242V
GND
OUT
R1
R2
EN
ADJ
l All AME’ s Lead Free Products Meet RoHS
Standards
AME8826
OUT
IN
C3
4.7
µF
C1
1
µF
GND
OUT
EN
BYP
C2
1000pF
IN
5V


Similar Part No. - AME8826_08

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826AEDV150 AME-AME8826AEDV150 Datasheet
212Kb / 14P
   1.55A CMOS LDO
AME8826AEDV180 AME-AME8826AEDV180 Datasheet
212Kb / 14P
   1.55A CMOS LDO
AME8826AEDV250 AME-AME8826AEDV250 Datasheet
212Kb / 14P
   1.55A CMOS LDO
AME8826AEDV330 AME-AME8826AEDV330 Datasheet
212Kb / 14P
   1.55A CMOS LDO
AME8826AEDV475 AME-AME8826AEDV475 Datasheet
212Kb / 14P
   1.55A CMOS LDO
More results

Similar Description - AME8826_08

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826 Datasheet
212Kb / 14P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com