Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2350PA Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2350PA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2350PA Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2350PA Datasheet HTML 2Page - Texas Instruments OPA2350PA Datasheet HTML 3Page - Texas Instruments OPA2350PA Datasheet HTML 4Page - Texas Instruments OPA2350PA Datasheet HTML 5Page - Texas Instruments OPA2350PA Datasheet HTML 6Page - Texas Instruments OPA2350PA Datasheet HTML 7Page - Texas Instruments OPA2350PA Datasheet HTML 8Page - Texas Instruments OPA2350PA Datasheet HTML 9Page - Texas Instruments OPA2350PA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
DIFFERENTIAL GAIN/PHASE vs RESISTIVE LOAD
0.5
0.4
0.3
0.2
0.1
0
Resistive Load (
Ω)
0
100
200
300
500
400
600
800
700
900 1000
G= 2
V
O =1.4V
NTSC Signal Generator
SeeFigure6 for testcircuit.
Phase
Gain
COMMON−MODE AND POWER−SUPPLY REJECTION RATIO
vs TEMPERATURE
100
90
80
70
60
110
100
90
80
70
Temperature (
_C)
−75
−50
−25
0
25
50
75
100
125
CMRR, V
S =5.5V
(V
CM = −0.1V to +5.6V)
CMRR, V
S =2.7V
(VCM = −0.1V to +2.8V)
PSRR
QUIESCENT CURRENT AND
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
_C)
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
100
90
80
70
60
50
40
30
−75
−50
−25
0
25
50
75
100
125
IQ
+I
SC
−I
SC
OPEN−LOOP GAIN vs TEMPERATURE
130
125
120
115
110
Temperature (
_C)
−75
−50
−25
02550
75
100
125
R
L =600Ω
R
L =1kΩ
R
L =10kΩ
SLEW RATE vs TEMPERATURE
Temperature (
_C)
40
35
30
25
20
15
10
5
0
−75
−50
−25
0
255075
100
125
Negative Slew Rate
Positive Slew Rate
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Per Amplifier


Similar Part No. - OPA2350PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2350PA BURR-BROWN-OPA2350PA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2350PA BURR-BROWN-OPA2350PA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2350PA TI-OPA2350PA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA2350PA TI1-OPA2350PA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA2350PAG4 TI1-OPA2350PAG4 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
More results

Similar Description - OPA2350PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com