Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA219BID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA219BID
Description  Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219BID Datasheet(HTML) 4 Page - Texas Instruments

  INA219BID Datasheet HTML 1Page - Texas Instruments INA219BID Datasheet HTML 2Page - Texas Instruments INA219BID Datasheet HTML 3Page - Texas Instruments INA219BID Datasheet HTML 4Page - Texas Instruments INA219BID Datasheet HTML 5Page - Texas Instruments INA219BID Datasheet HTML 6Page - Texas Instruments INA219BID Datasheet HTML 7Page - Texas Instruments INA219BID Datasheet HTML 8Page - Texas Instruments INA219BID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
INA219
SBOS448F
– AUGUST 2008 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +3.3V (continued)
Boldface limits apply over the specified temperature range, TA = –25°C to +85°C.
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG
(1) = 1, unless otherwise noted.
INA219A
INA219B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SMBus
SMBus Timeout(6)
28
35
28
35
ms
DIGITAL INPUTS
(SDA as Input, SCL, A0, A1)
Input Capacitance
3
3
pF
Leakage Input Current
0
≤ VIN ≤ VS
0.1
1
0.1
1
μA
Input Logic Levels:
VIH
0.7 (VS)
6
0.7 (VS)
6
V
VIL
–0.3
0.3 (VS)
–0.3
0.3 (VS)
V
Hysteresis
500
500
mV
OPEN-DRAIN DIGITAL OUTPUTS (SDA)
Logic
'0' Output Level
ISINK = 3mA
0.15
0.4
0.15
0.4
V
High-Level Output Leakage Current
VOUT = VS
0.1
1
0.1
1
μA
POWER SUPPLY
Operating Supply Range
+3
+5.5
+3
+5.5
V
Quiescent Current
0.7
1
0.7
1
mA
Quiescent Current, Power-Down Mode
6
15
6
15
μA
Power-On Reset Threshold
2
2
V
TEMPERATURE RANGE
Specified Temperature Range
–25
+85
–25
+85
°C
Operating Temperature Range
–40
+125
–40
+125
°C
Thermal Resistance(7)
θJA
SOT23-8
142
142
°C/W
SO-8
120
120
°C/W
(6)
SMBus timeout in the INA219 resets the interface any time SCL or SDA is low for over 28ms.
(7)
θJA value is based on JEDEC low-K board.
4
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): INA219


Similar Part No. - INA219BID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219BID TI1-INA219BID Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219BID TI1-INA219BID Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219BIDCNR TI1-INA219BIDCNR Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219BIDCNR TI1-INA219BIDCNR Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219BIDCNT TI1-INA219BIDCNT Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219BID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
INA209 TI-INA209_15 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com