Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP125P5X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NC7SP125P5X
Description  TinyLogic ULP Buffer with 3-STATE Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP125P5X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NC7SP125P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP125P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP125P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP125P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP125P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP125P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP125P5X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP125P5X Datasheet HTML 9Page - Fairchild Semiconductor NC7SP125P5X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.fairchildsemi.com
8
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SP125P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP125P5X FAIRCHILD-NC7SP125P5X Datasheet
295Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125P5X ONSEMI-NC7SP125P5X Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
NC7SP125P5X ONSEMI-NC7SP125P5X Datasheet
308Kb / 10P
   TinyLogic ULP-A Buffer with Three-State Output
February, 2021 ??Rev. 1
More results

Similar Description - NC7SP125P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP126 FAIRCHILD-NC7SP126 Datasheet
306Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP125 FAIRCHILD-NC7SP125_04 Datasheet
295Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP126 FAIRCHILD-NC7SP126_04 Datasheet
296Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125 ONSEMI-NC7SP125 Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
logo
Fairchild Semiconductor
NC7WP125 FAIRCHILD-NC7WP125 Datasheet
207Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7WP125 ONSEMI-NC7WP125 Datasheet
314Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised January 2005
logo
Fairchild Semiconductor
NC7SV126 FAIRCHILD-NC7SV126_04 Datasheet
293Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125 Datasheet
290Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV126 FAIRCHILD-NC7SV126 Datasheet
303Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125_04 Datasheet
312Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com