Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199A3 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA199A3
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199A3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA199A3 Datasheet HTML 3Page - Texas Instruments INA199A3 Datasheet HTML 4Page - Texas Instruments INA199A3 Datasheet HTML 5Page - Texas Instruments INA199A3 Datasheet HTML 6Page - Texas Instruments INA199A3 Datasheet HTML 7Page - Texas Instruments INA199A3 Datasheet HTML 8Page - Texas Instruments INA199A3 Datasheet HTML 9Page - Texas Instruments INA199A3 Datasheet HTML 10Page - Texas Instruments INA199A3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Time(250ms/div)
0V
V =5V,V
=12V,V
=2.5V
S
CM
REF
NoninvertingInputOverload
Output
Time(100 s/div)
m
0V
OutputVoltage
Supply Voltage
V =5V,1kHzStepwithV
=0V,V
=2.5V
S
DIFF
REF
Time(50ms/div)
CommonVoltageStep
0V
0V
OutputVoltage
Time(250ms/div)
0V
Output
V =5V,V
=12V,V
=2.5V
S
CM
REF
InvertingInputOverload
Time(1s/div)
V = 2.5V
±
S
V
=0V
CM
V
=0V
DIF
V
=0V
REF
Time(100ms/div)
2V
PP OutputSignal
10mV
InputSignal
PP
INA199A1, INA199B1
INA199A2, INA199B2
INA199A3, INA199B3
www.ti.com
SBOS469D – MAY 2009 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Performance measured with the INA199A3 at TA = +25°C, VS = +5V, VIN+ = 12V, and VREF = VS/2, unless otherwise noted.
0.1Hz to 10Hz VOLTAGE NOISE
STEP RESPONSE
(Referred-to-Input)
(10mVPP Input Step)
Figure 13.
Figure 14.
COMMON-MODE VOLTAGE
TRANSIENT RESPONSE
INVERTING DIFFERENTIAL INPUT OVERLOAD
Figure 15.
Figure 16.
NONINVERTING DIFFERENTIAL INPUT OVERLOAD
START-UP RESPONSE
Figure 17.
Figure 18.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA199A1 INA199B1 INA199A2 INA199B2 INA199A3 INA199B3


Similar Part No. - INA199A3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A3 TI-INA199A3 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A3 TI-INA199A3 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A3 TI1-INA199A3 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA199A3DCKR TI-INA199A3DCKR Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A3DCKR TI-INA199A3DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
More results

Similar Description - INA199A3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com