Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA201 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA201
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA201 Datasheet(HTML) 5 Page - Texas Instruments

  INA201 Datasheet HTML 1Page - Texas Instruments INA201 Datasheet HTML 2Page - Texas Instruments INA201 Datasheet HTML 3Page - Texas Instruments INA201 Datasheet HTML 4Page - Texas Instruments INA201 Datasheet HTML 5Page - Texas Instruments INA201 Datasheet HTML 6Page - Texas Instruments INA201 Datasheet HTML 7Page - Texas Instruments INA201 Datasheet HTML 8Page - Texas Instruments INA201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
INA200
INA201
INA202
www.ti.com
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
ELECTRICAL CHARACTERISTICS: GENERAL
Boldface limits apply over the specified temperature range: TA = –40°C to +125°C.
At TA = +25°C, VS = +12V, VCM = +12V, VSENSE = 100mV, RL = 10kΩ to GND, RPULL-UP = 5.1kΩ connected from CMPOUT to
VS, and CMPIN = 1V, unless otherwise noted.
INA200, INA201, INA202
GENERAL PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating Power Supply
VS
+2.7
+18
V
Quiescent Current
IQ
VOUT = 2V
1350
1800
mA
Over Temperature
VSENSE = 0mV
1850
mA
Comparator Power-On Reset Threshold(1)
1.5
V
TEMPERATURE
Specified Temperature Range
–40
+125
°C
Operating Temperature Range
–55
+150
°C
Storage Temperature Range
–65
+150
°C
Thermal Resistance
qJA
MSOP-8 Surface-Mount
200
°C/W
SO-8
150
°C/W
(1)
The INA200, INA201, and INA202 are designed to power-up with the comparator in a defined reset state as long as RESET is open or
grounded. The comparator is in reset as long as the power supply is below the voltage shown here. The comparator assumes a state
based on the comparator input above this supply voltage. If RESET is high at power-up, the comparator output comes up high and
requires a reset to assume a low state, if appropriate.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA200 INA201 INA202


Similar Part No. - INA201

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA201 BURR-BROWN-INA201 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA201 BURR-BROWN-INA201 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA201 TI1-INA201 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201 TI-INA201 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA201 TI1-INA201 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com